Electronic Components Datasheet Search
  English  ▼

X  

TL3414A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL3414A
Description  DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3414A Datasheet(HTML) 4 Page - Texas Instruments

  TL3414A Datasheet HTML 1Page - Texas Instruments TL3414A Datasheet HTML 2Page - Texas Instruments TL3414A Datasheet HTML 3Page - Texas Instruments TL3414A Datasheet HTML 4Page - Texas Instruments TL3414A Datasheet HTML 5Page - Texas Instruments TL3414A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TL3414A
DUAL HIGHOUTPUT CURRENT OPERATIONAL AMPLIFIER
SLOS453A − DECEMBER 2004 − REVISED JANUARY 2005
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AC electrical characteristics,
VCC+ = 8.6 V, VCC− = 0 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
1.3
V/
µs
GBW
Gain bandwidth product
2
MHz
Vn
Equivalent input noise voltage
f = 1 kHz
18
nV/
√Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com