Electronic Components Datasheet Search
  English  ▼

X  

TL3414A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL3414A
Description  DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3414A Datasheet(HTML) 1 Page - Texas Instruments

  TL3414A Datasheet HTML 1Page - Texas Instruments TL3414A Datasheet HTML 2Page - Texas Instruments TL3414A Datasheet HTML 3Page - Texas Instruments TL3414A Datasheet HTML 4Page - Texas Instruments TL3414A Datasheet HTML 5Page - Texas Instruments TL3414A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TL3414A
DUAL HIGHOUTPUT CURRENT OPERATIONAL AMPLIFIER
SLOS453A − DECEMBER 2004 − REVISED JANUARY 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single/Dual Power-Supply Operation
D High Output Current . . . 70 mA, VCC+ = 5 V
D Wide Operating Voltage ... 3 V to 15 V
(Single Supply)
D Ideal for Headphone Drivers
description/ordering information
The TL3414A device is a dual operational amplifier that can be operated with single or dual power supplies. In
addition to high gain and high output voltage swing, it is capable of driving a 70-mA load, making it ideally suited
for simple, low-cost audio-amplifier applications, such as headphone amplifiers in DVD and CDRW
applications.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
TL3414AIP
TL3414AIP
SOIC (D)
Tube of 75
TL3414AID
Z3414A
−40
°C to 85°C
SOIC (D)
Reel of 2500
TL3414AIDR
Z3414A
−40 C to 85 C
TSSOP (PW)
Tube of 150
TL3414AIPW
Z3414A
TSSOP (PW)
Reel of 2000
TL3414AIPWR
Z3414A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
symbol (each amplifier)
IN+
IN −
OUT
+
−
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2005, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
OUT1
IN1−
IN1+
VCC−
VCC+
OUT2
IN2−
IN2+
D (SOIC), P (PDIP), OR PW (TSSOP) PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL3414A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
208Kb / 9P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A Datasheet
420Kb / 12P
DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI2-TL3414A Datasheet
708Kb / 16P
DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
REVISED JANUARY 2005
TL3414AID TI-TL3414AID Datasheet
208Kb / 9P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414AID TI-TL3414AID Datasheet
420Kb / 12P
DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
More results

Similar Description - TL3414A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
High Speed, High Output Current, Dual Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
Dual wideband high output current operational amplifier
November 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com