Electronic Components Datasheet Search
  English  ▼

X  

LR3966 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR3966
Description  3.0A LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3966 Datasheet(HTML) 5 Page - Unisonic Technologies

  LR3966 Datasheet HTML 1Page - Unisonic Technologies LR3966 Datasheet HTML 2Page - Unisonic Technologies LR3966 Datasheet HTML 3Page - Unisonic Technologies LR3966 Datasheet HTML 4Page - Unisonic Technologies LR3966 Datasheet HTML 5Page - Unisonic Technologies LR3966 Datasheet HTML 6Page - Unisonic Technologies LR3966 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LR3966
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
5 of 7
www.unisonic.com.tw
QW-R101-032.F
TYPICAL APPLICATION CIRCUIT
LR3966
VIN
VOUT
COUT
33µF
VIN
CIN
68µF
GND
ADJ
VOUT
EN
R1
R2
ON
OFF
+
+
VOUT=VREF(1+R2/R1)
LR3966
VIN
VOUT
COUT
33µF
VIN
CIN
68uF
GND
SENSE
VOUT
EN
L
O
A
D
ON
OFF
+
+
* LR3966 can deliver a continuous current of 3.0A over the full operating temperature. However, the output current is
limited by the restriction of power dissipation which differs from packages. A heat sink may be required depending
on the maximum power dissipation and maximum ambient temperature of application. With respect to the applied
package, the maximum output current of 3.0A may be still undeliverable.
* When a Pull-Up resistor is connected between VEN terminal and VEN Signal (or VIN line), the resistance of the
Pull-Up resistor should be kept under 10k
Ω.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com