Electronic Components Datasheet Search
  English  ▼

X  

LR3966 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR3966
Description  3.0A LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3966 Datasheet(HTML) 6 Page - Unisonic Technologies

  LR3966 Datasheet HTML 1Page - Unisonic Technologies LR3966 Datasheet HTML 2Page - Unisonic Technologies LR3966 Datasheet HTML 3Page - Unisonic Technologies LR3966 Datasheet HTML 4Page - Unisonic Technologies LR3966 Datasheet HTML 5Page - Unisonic Technologies LR3966 Datasheet HTML 6Page - Unisonic Technologies LR3966 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LR3966
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
6 of 7
www.unisonic.com.tw
QW-R101-032.F
TYPICAL CHARACTERISTICS
(VIN = VOUT + 1V or VIN =2.25V whichever is greater , CIN =68µF, COUT =33µF,TA= 25°C, unless otherwise
specified)
0
400
800 1200 1600 2000 2400 2800 3200
0
60
120
180
240
300
360
420
480
Output Current, IOUT (mA)
Drop-Out Voltage vs. Load Current
Ground Pin Current vs. Input Voltage
Input Voltage,
VIN (V)
VOUT
VIN
Load Transient
IL
Power ON
VIN
VOUT
-40
-20
0
20
40
60
80
100 120 140
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
Temp (℃)
Temperature vs.
Output Voltage Change
2
3
4
5
6
50
100
150
200
250
VOUT=3.3V
VOUT=1.8V
VOUT=3.3V
VOUT=3.3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com