Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P302 Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # ACPL-P302
Description  0.4-Amp Output Current IGBT Gate Driver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P302 Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button ACPL-P302 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 9Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 10Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 11Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 12Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 13Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 14Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 15Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Broadcom Confidential
- 14 -
ACPL-P302/ACPL-W302
Data Sheet
Thermal Model for ACPL-P302/W302
Streched-SO6 Package Optocoupler
Definitions
ƒ
R11: Junction to Ambient Thermal Resistance of LED due
to heating of LED
ƒ
R12: Junction to Ambient Thermal Resistance of LED due
to heating of Detector (Output IC)
ƒ
R21: Junction to Ambient Thermal Resistance of Detector
(Output IC) due to heating of LED.
ƒ
R22: Junction to Ambient Thermal Resistance of Detector
(Output IC) due to heating of Detector (Output IC).
ƒ
P1: Power dissipation of LED (W).
ƒ
P2: Power dissipation of Detector / Output IC (W).
ƒ
T1: Junction temperature of LED (˚C).
ƒ
T2: Junction temperature of Detector (˚C).
ƒ
Ta: Ambient temperature.
ƒ
∆T1: Temperature difference between LED junction and
ambient (˚C).
ƒ
∆T2: Temperature deference between Detector junction
and ambient.
Ambient Temperature: Junction to Ambient Thermal Resistanc-
es were measured approximately 1.25 cm above optocoupler
at ~23°C in still air.
Description
This thermal model assumes that an 6-pin single-channel plas-
tic package optocoupler is soldered into a 7.62 cm x 7.62 cm
printed circuit board (PCB). The temperature at the LED and
Detector junctions of the optocoupler can be calculated using
the equations below.
T1 = (R11 × P1 + R12 × P2) + Ta -- (1)
T2 = (R21 × P1 + R22 × P2) + Ta -- (2)
Jedec Specifications
R11
R12, R21
R22
low K board
357
150, 166
228
high K board
249
76, 79
159
Notes:
1. Maximum junction temperature for above parts: 125 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com