Electronic Components Datasheet Search
  English  ▼

X  

VRE310 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VRE310
Description  Low Cost Precision Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE310 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VRE310 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
THEORY OF OPERATION
The following discussion refers to the schematic in
figure 2 below. In operation, approximately 6.3 volts is
applied to the noninverting input of the op amp. The
voltage is amplified by the op amp to produce a 10.000V
output. The gain is determined by the networks R1 and
R2: G=1 + R2/R1. The 6.3V zener diode is used because
it is the most stable diode over time and temperature.
The zener operating current is derived from the
regulated output voltage through R3. This feedback
arrangement provides a closely regulated zener current.
This current determines the slope of the references'
voltage vs. temperature function. By trimming the zener
current a lower drift over temperature can be achieved.
But since the voltage vs. temperature function is nonlinear
this compensation technique is not well suited for wide
temperature ranges.
Thaler
Corporation
has
developed
a
nonlinear
compensation network of thermistors and resistors that is
used in the VRE series voltage references. This
proprietary network eliminates most of the nonlinearity in
the voltage vs. temperature function. By then adjusting
the slope, Thaler Corporation produces a very stable
voltage over wide temperature ranges.
DISCUSSION OF PERFORMANCE
VRE310DS REV. D MAY 2001
This network is less than 2% of the overall network
resistance so it has a negligible effect on long term
stability. By using highly stable resistors in our network,
we produce a voltage reference that also has very good
long term stability
Figure 3 shows the proper connection of the VRE310
series voltage references with the optional trim resistor.
The VRE310 reference has the ground terminal brought
out on two pins (pin 4 and pin 7) which are connected
together internally. This allows the user to achieve greater
accuracy when using a socket. Voltage references have a
voltage drop across their power supply ground pin due to
quiescent current flowing through the contact resistance.
If the contact resistance was constant with time and
temperature, this voltage drop could be trimmed out.
When the reference is plugged into a socket, this source
of error can be as high as 20ppm. By connecting pin 4 to
the power supply ground and pin 7 to a high impedance
ground point in the measurement circuit, the error due to
the contact resistance can be eliminated. If the unit is
soldered into place, the contact resistance is sufficiently
small that it does not effect performance. Pay careful
attention to the circuit layout to avoid noise pickup and
voltage drops in the lines.
VRE310
FIGURE 2
EXTERNAL CONNECTIONS
FIGURE 3
8
4
6
5
+ V
OUT
2
+ V
IN
VRE310
10kΩ
C
N
1µF
OPTIONAL
NOISE REDUCTION
CAPACITOR
OPTIONAL
FINE TRIM
ADJUSTMENT
3
V TEMP OUT
7
REF. GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com