Electronic Components Datasheet Search
  English  ▼

X  

VRE310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VRE310
Description  Low Cost Precision Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VRE310 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VRE310
Low Cost
Precision Reference
DESCRIPTION
FEATURES
The VRE310 is a low cost, high precision 10.0V
reference. Packaged in the industry standard 8
pin DIP, the device is ideal for upgrading systems
that use lower performance references.
The device provides ultrastable +10.000V output
with ±1.000 mV (.01%) initial accuracy and a
temperature coefficient of 0.6 ppm/°C.
This
improvement in accuracy is made possible by a
unique, patented multipoint laser compensation
technique developed by Thaler Corporation.
Significant improvements have been made in
other performance parameters as well, including
initial accuracy, warm-up drift, line regulation, and
long-term stability, making the VRE310 series the
most accurate reference available in the standard
8 pin DIP package.
For enhanced performance, the VRE310 has an
external trim option for users who want less than
0.01% initial error.
For ultra low noise
applications, an external capacitor can be
attached between the noise reduction pin and the
ground pin. A reference ground pin is provided to
eliminate socket contact resistance errors.
5
6
7
8
VRE310
TOP
VIEW
1
2
3
4
N/C
+V
IN
TEMP
GND
NOISE
REDUCTION
REF. GND
V
OUT
TRIM
PIN CONFIGURATION
The VRE310 is recommended for use as a
reference for 14-, 16-, or 18-bit D/A converters
which require an external precision reference.
The device is also ideal for calibrating scale factor
on high resolution A/D converters. The VRE310
offers superior performance over monolithic
references.
• 10.000 V OUTPUT ± 1.000 mV (.01%)
• TEMPERATURE DRIFT: 0.6 ppm/°C
• LOW NOISE: 6µV
p-p (0.1-10Hz)
• INDUSTRY STD PINOUT- 8 PIN DIP OR
SURFACE MOUNT PACKAGE
•EXCELLENT LINE REGULATION: 6ppm/V Typ.
• OUTPUT TRIM CAPABILITY
FIGURE 1
VRE310DS REV. D MAY 2001
SELECTION GUIDE
Model
Temp.
Range
°C
Temp.
Coeff.
ppm/°C
VRE310A
1.0
0.6
0°C to +70°C
VRE310B
1.6
1.0
0°C to +70°C
VRE310C
2.0
2.0
0°C to +70°C
VRE310J
1.0
0.6
-40°C to +85°C
VRE310K
1.6
1.0
-40°C to +85°C
VRE310L
2.0
2.0
-40°C to +85°C
For package option add D for DIP or S for Surface Mount
to end of model number.
Initial
Error
mV
THALER CORPORATION • 2015 N. FORBES BOULEVARD • TUCSON, AZ. 85745 • (520) 882-4000


Similar Part No. - VRE310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE310 ETC-VRE310 Datasheet
2Mb / 41P
Low Cost Precision Reference
logo
Cirrus Logic
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
logo
List of Unclassifed Man...
VRE310A ETC-VRE310A Datasheet
2Mb / 41P
Low Cost Precision Reference
logo
Cirrus Logic
VRE310AD CIRRUS-VRE310AD Datasheet
602Kb / 5P
Precision Voltage Reference
VRE310AS CIRRUS-VRE310AS Datasheet
602Kb / 5P
Precision Voltage Reference
More results

Similar Description - VRE310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
List of Unclassifed Man...
VRE3050 ETC-VRE3050 Datasheet
188Kb / 8P
VRE3050 Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
Low Cost Precision Reference
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
Low Cost Precision Reference
logo
Analog Devices
AD680 AD-AD680_05 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com