Electronic Components Datasheet Search
  English  ▼

X  

BLF Datasheet(PDF) 2 Page - Littelfuse

Part # BLF
Description  Fast-acting Midget / 5AG Size Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BLF Datasheet(HTML) 2 Page - Littelfuse

  BLF Datasheet HTML 1Page - Littelfuse BLF Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14
Cartridge and Axial Lead Fuses
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: December 9, 2015
BLF Series
Fast-Acting Type > BLF Series
.
Please refer to www.littelfuse.com/series/BLF.html for current information.
Average Time Current Curves
Temperature Rerating Curve
Dimensions
38.1
(1.50")
10.31
(.406")
1000
100
10
1
0.1
0.01
10
100
1000
0.1
1
CURRENT IN AMPERES
BLF Series, (1/2A - 4A)
1000
100
10
1
0.1
0.01
10
100
1000
0.1
1
CURRENT IN AMPERES
BLF Series, (5A - 7A)
1000
100
10
1
0.1
0.01
10
100
1000
0.1
1
CURRENT IN AMPERES
BLF Series, (8A - 30A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com