Electronic Components Datasheet Search
  English  ▼

X  

BLF Datasheet(PDF) 1 Page - Littelfuse

Part # BLF
Description  Fast-acting Midget / 5AG Size Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BLF Datasheet(HTML) 1 Page - Littelfuse

  BLF Datasheet HTML 1Page - Littelfuse BLF Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13
Cartridge and Axial Lead Fuses
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: December 9, 2015
BLF Series
Fast-Acting Type > BLF Series
Please refer to www.littelfuse.com/series/BLF.html for current information.
BLF Series Fast-acting Midget / 5AG Size Fuse
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
0.5A - 30A
®
LR 29862
0.5A - 30A
Electrical Characteristics for Series
Ordering
Number
Amp
Rating
(A)
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Agency
Approvals
BLF .500
.500
250
10,000
amperes
at rated
VAC.
1.57
x
x
BLF 001
1
.395
x
x
BLF 01.5
1.5
.2191
x
x
BLF 002
2
.125
x
x
BLF 02.5
2.5
.0946
x
x
BLF 003
3
.0696
x
x
BLF 004
4
.0432
x
x
BLF 005
5
.0413
x
x
BLF 006
6
.02842
x
x
BLF 6.25
6.25
.02741
x
x
BLF 007
7
.02282
x
x
BLF 008
8
.01664
x
x
BLF 009
9
.01364
x
x
BLF 010
10
.0117
x
x
BLF 012
12
.00920
x
x
BLF 015
15
.00920
x
x
BLF 020
20
125
.00528
x
x
BLF 025
25
.00378
x
x
BLF 030
30
.00289
x
x
Electrical Specifications by Item
®
BLF fuses offer safe and reliable protection at a low
price for its size, type and features. They are suitable for
control circuit and instrument protection in dry (little to no
humidity) locations.
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
0-30
Until temp stabilizes
135%
0–30
1 hours, Maximum
200%
0-30
2 minutes, Maximum
Description
Pb


Similar Part No. - BLF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLF LITTELFUSE-BLF Datasheet
177Kb / 2P
BLF Series Laminated Body Fast-acting Midget / 5AG Size Fuse
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 2P
BLF Series Laminated Body Fast-acting Midget / 5AG Size Fuse
BLF.500 LITTELFUSE-BLF.500 Datasheet
845Kb / 2P
BLF Series Fast-acting Midget / 5AG Size Fuse
Revised: April 12, 2021
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
Axial Lead and Cartridge Fuses
BLF001 LITTELFUSE-BLF001 Datasheet
177Kb / 2P
BLF Series Laminated Body Fast-acting Midget / 5AG Size Fuse
More results

Similar Description - BLF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
2AG Fast-Acting Fuse
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Littelfuse
BLF LITTELFUSE-BLF Datasheet
177Kb / 2P
BLF Series Laminated Body Fast-acting Midget / 5AG Size Fuse
BLN LITTELFUSE-BLN Datasheet
173Kb / 2P
BLN Series Fibre Body Fast-acting Midget / 5AG Size Fuse
logo
Cooper Bussmann, Inc.
HLQ-10 COOPER-HLQ-10 Datasheet
36Kb / 1P
Specialty Fuse Fast-Acting, Size Rejecting
logo
Bel Fuse Inc.
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
logo
Littelfuse
BLN LITTELFUSE-BLN_16 Datasheet
371Kb / 2P
Fast-acting Midget / 5AG Size Fuse
logo
Eaton All Rights Reserv...
GLQ EATON-GLQ Datasheet
153Kb / 2P
Specialty fuse, fast-acting, size rejecting
logo
Littelfuse
BLF LITTELFUSE-BLF_V01 Datasheet
845Kb / 2P
BLF Series Fast-acting Midget / 5AG Size Fuse
Revised: April 12, 2021
logo
Bel Fuse Inc.
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com