Electronic Components Datasheet Search
  English  ▼

X  

2SC5966 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5966
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5966 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5966 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5966 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5966 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5966
No.7653-2/3
前ページより続く。
min
typ
max
unit
コレクタ・エミッタ飽和電圧
VCE(sat)
IC=13.5A, IB=3.4A
3
V
ベース・エミッタ飽和電圧
VBE(sat)
IC=13.5A, IB=3.4A
1.5
V
蓄積時間
tstg
IC=10A, IB1=1.6A, IB2=− 5.0A
3.0
µs
下降時間
tf
IC=10A, IB1=1.6A, IB2=− 5.0A
0.2
µs
スイッチングタイム測定回路図
ベース・エミッタ電圧, VBE -- V
IT06357
16
14
12
10
8
6
4
2
0
010
9
8
7
6
5
4
3
2
1
IC -- VCE
コレクタ・エミッタ電圧, VCE -- V IT06356
VCE(sat) -- IC
IC -- VBE
コレクタ電流, IC -- A
IT06359
hFE -- IC
コレクタ電流, IC -- A
IT06358
100
5
7
3
2
3
2
10
1.0
7
5
25
20
15
10
5
0
01.2
1.0
0.8
0.6
0.4
0.2
IB=0
0.1A
0.2A
0.4A
0.6A
1.2A 1.4A 1.6A 1.8A
2.0A
0.8A
1.0A
VCE=5V
0.1
3
25
7
3
25
7
2
3
1.0
10
0.1
3
25
7
3
25
7
2
3
1.0
10
VCE=5V
Ta=120°C
25°C
--40°C
2
3
5
7
1.0
0.1
2
3
5
7
0.01
2
3
5
7
10
Ta= --40°C
120
°C
IC / IB=5
--40°C
25°C
VR
RB
VCC=200V
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
RL=20Ω
100µF
470µF
PW=20µs
D.C.
≦1%
IB1
IB2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com