Electronic Components Datasheet Search
  English  ▼

X  

196DLC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 196DLC
Description  Double Layer Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196DLC Datasheet(HTML) 3 Page - Vishay Siliconix

  196DLC Datasheet HTML 1Page - Vishay Siliconix 196DLC Datasheet HTML 2Page - Vishay Siliconix 196DLC Datasheet HTML 3Page - Vishay Siliconix 196DLC Datasheet HTML 4Page - Vishay Siliconix 196DLC Datasheet HTML 5Page - Vishay Siliconix 196DLC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 28362
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 17-Oct-03
195
196 DLC
Double Layer Capacitors
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb =20
°C, P = 86 to 106 kPa and RH = 45 to 75%.
ORDERING EXAMPLE
Double layer capacitor 196 series
1.0 F/5.5 V
Nominal case size:
∅21 × 7.5 mm; Form A
Catalog number: 2222 196 12105.
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance, tolerance
−20/+80%,
measured by constant current discharge method
UCT
upper category temperature
IL
max. leakage current after 30 minutes at UR
RI
max. internal resistance at 1 kHz
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(F)
NOMINAL
CASE SIZE
∅D × L
(mm)
CASE
CODE
FORM
UCT
(
°C)
IL
30 min.
(µA)
RI
1kHz(
Ω)
CATALOG NUMBER
Standard series
5.5
0.047
13
× 7
2
A
70
69
120
2222 196 12473
0.1
13
× 7
2
A
70
100
75
2222 196 12104
0.22
13
× 7
2
A
70
135
75
2222 196 12224
0.33
13
× 7
2
A
70
182
75
2222 196 12334
0.47
21
× 7.5
4
A
70
216
30
2222 196 12474
1.0
21
× 7.5
4
A
70
315
30
2222 196 12105
High temperature series
5.5
0.047
13
× 9
3
A
85
69
300
2222 196 22473
0.1
13
× 9
3
A
85
100
200
2222 196 22104
0.47
21
× 9
5
A
85
216
50
2222 196 22474
0.68
21
× 9
5
A
85
260
50
2222 196 22684
Vertical, miniaturized series
5.5
0.047
11.5
× 13
1
B
70
69
120
2222 196 32473
0.1
11.5
× 13
1
B
70
100
75
2222 196 32104
0.22
11.5
× 13
1
B
70
135
75
2222 196 32224
0.33
11.5
× 13
1
B
70
182
75
2222 196 32334
High voltage series
6.3
0.047
13
× 9
3
A
70
69
300
2222 196 13473
0.1
13
× 9
3
A
70
100
200
2222 196 13104
0.47
21
× 9
5
A
70
216
50
2222 196 13474
0.68
21
× 9
5
A
70
260
50
2222 196 13684



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com