Electronic Components Datasheet Search
  English  ▼

X  

196DLC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 196DLC
Description  Double Layer Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196DLC Datasheet(HTML) 4 Page - Vishay Siliconix

  196DLC Datasheet HTML 1Page - Vishay Siliconix 196DLC Datasheet HTML 2Page - Vishay Siliconix 196DLC Datasheet HTML 3Page - Vishay Siliconix 196DLC Datasheet HTML 4Page - Vishay Siliconix 196DLC Datasheet HTML 5Page - Vishay Siliconix 196DLC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28362
196
Revision: 17-Oct-03
196 DLC
Vishay BCcomponents
Double Layer Capacitors
MEASURING OF CHARACTERISTICS
CAPACITANCE (C)
Capacitance shall be measured by constant current discharge method.
DISCHARGE CURRENT AS A FUNCTION OF RATED CAPACITANCE
PARAMETER
VALUE
UNIT
Rated capacitance, CR
0.047
0.1
0.22
0.33
0.47
0.68
1.0
F
Discharge current, ID
0.1
1.0
mA
Capacitance value CR is given by discharge current ID, time
T and rated voltage UR, according to the following equation:
INTERNAL RESISTANCE (RI) AT 1 KHz
LEAKAGE CURRENT (IL)
Leakage current shall be measured after 30 minutes
application of rated voltage UR:
Fig.4
Voltage diagram for capacitance measurement.
30 min
T (s)
time
0
2.0
U
U
(V)
R
CF
()
I
D mA
() 10 3
–
Ts
()
×
×
U
R V
() 2
–
--------------------------------------------------------
=
Fig.5 Test circuit for capacitance measurement.
A
V
CONSTANT
CURRENT
DISCHARGER
C
R
I Ω
()
V
C V
()
10
3
–
----------------
=
Fig.6 Test circuit for RI measurement.
V
A
1 mA
C
1 kHz
I
L µ A
()
VV
()
10
4
–
-------------
=
Fig.7 Test circuit for leakage current.
V
Ω
Rs 100
C
Fig.8 Typical leakage current as a function of time.
Curve1:1.0 F, 5.5V.
Curve2:0.47F, 5.5 V.
Curve3:0.22F, 5.5 V.
Curve4:0.1 F, 5.5V.
Curve 5: 0.047 F, 5.5 V.
Rs =100
Ω.
50
110
20
30
40
1
10
2
10
(
µA)
I
L
time (hours)
2
3
4
5
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com