Electronic Components Datasheet Search
  English  ▼

X  

MMRF2004NB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MMRF2004NB Datasheet HTML 6Page - NXP Semiconductors MMRF2004NB Datasheet HTML 7Page - NXP Semiconductors MMRF2004NB Datasheet HTML 8Page - NXP Semiconductors MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors MMRF2004NB Datasheet HTML 10Page - NXP Semiconductors MMRF2004NB Datasheet HTML 11Page - NXP Semiconductors MMRF2004NB Datasheet HTML 12Page - NXP Semiconductors MMRF2004NB Datasheet HTML 13Page - NXP Semiconductors MMRF2004NB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
RF Device Data
Freescale Semiconductor, Inc.
MMRF2004NBR1
WIMAX TEST SIGNAL
10
0.0001
100
0
PEAK--TO--AVERAGE (dB)
Figure 13. OFDM 802.16d Test Signal
10
1
0.1
0.01
0.001
24
68
Input Signal
OFDM 802.16d, 64 QAM 3/4,4Bursts
10 MHz Channel Bandwidth, Input Signal
PAR = 9.5 dB @ 0.01% Probability
on CCDF
--60
--10
--20
--30
--40
--50
--70
--80
--90
10 MHz
Channel BW
20
515
10
0
--5
--10
--20
f, FREQUENCY (MHz)
Figure 14. WiMAX Spectrum Mask Specifications
--15
ACPR in 1 MHz
Integrated BW
ACPR in 1 MHz
Integrated BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com