Electronic Components Datasheet Search
  English  ▼

X  

AP9936M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP9936M
Description  N CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP9936M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP9936M Datasheet HTML 1Page - List of Unclassifed Manufacturers AP9936M Datasheet HTML 2Page - List of Unclassifed Manufacturers AP9936M Datasheet HTML 3Page - List of Unclassifed Manufacturers AP9936M Datasheet HTML 4Page - List of Unclassifed Manufacturers AP9936M Datasheet HTML 5Page - List of Unclassifed Manufacturers AP9936M Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP9936M
0.01
0.1
1
10
100
0.1
1
10
100
V DS (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
10s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=135
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty Factor = 0.5
Single Pulse
0
2
4
6
8
25
50
75
100
125
150
T c , Case Temperature (
o C)
0
0.5
1
1.5
2
2.5
0
50
100
150
T c , Case Temperature (
o C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com