Electronic Components Datasheet Search
  English  ▼

X  

AP9936M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AP9936M
Description  N CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP9936M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AP9936M Datasheet HTML 1Page - List of Unclassifed Manufacturers AP9936M Datasheet HTML 2Page - List of Unclassifed Manufacturers AP9936M Datasheet HTML 3Page - List of Unclassifed Manufacturers AP9936M Datasheet HTML 4Page - List of Unclassifed Manufacturers AP9936M Datasheet HTML 5Page - List of Unclassifed Manufacturers AP9936M Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP9936M
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0.5
1
1.5
2
2.5
-50
0
50
100
150
T j , Junction Temperature (
o C )
0
2
4
6
8
10
12
02
46
8
10
12
Q G , Total Gate Charge (nC)
I D =5A
V DS =15V
10
100
1000
1
8
15
22
29
V DS (V)
f=1.0MHz
Ciss
Coss
Crss
0.1
1
10
0
0.4
0.8
1.2
1.6
V SD (V)
Tj=25
o C
Tj=150
o C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com