Electronic Components Datasheet Search
  English  ▼

X  

MA09577 Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # MA09577
Description  210.380MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA09577 Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  MA09577 Datasheet HTML 1Page - Golledge Electronics Ltd MA09577 Datasheet HTML 2Page - Golledge Electronics Ltd MA09577 Datasheet HTML 3Page - Golledge Electronics Ltd MA09577 Datasheet HTML 4Page - Golledge Electronics Ltd MA09577 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
210.380MHz SAW Filter
Model: TB0124A
Part No: MA09577
REV NO.: 2
TB0124A v2
3
E.FREQUENCY CHRACTERISTICS:
(1) Frequency response
Fig-1 S21 Response Horizontal: 1MHz/Div. Vertical: 10dB/Div
Fig-2 Phase Linearity Horizontal:0.2MHz/Div. Vertical: 1 dB/Div Vertical: 20 deg/Div



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com