Electronic Components Datasheet Search
  English  ▼

X  

MA09577 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA09577
Description  210.380MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA09577 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA09577 Datasheet HTML 1Page - Golledge Electronics Ltd MA09577 Datasheet HTML 2Page - Golledge Electronics Ltd MA09577 Datasheet HTML 3Page - Golledge Electronics Ltd MA09577 Datasheet HTML 4Page - Golledge Electronics Ltd MA09577 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
210.380MHz SAW Filter
Model: TB0124A
Part No: MA09577
REV NO.: 2
TB0124A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 0 V
3. Operating Temperature: -30
°C to +70°C
4. Storage Temperature: -30
°C to +70°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typical.
Max.
Note
Center frequency, Fc
MHz
-
210.38
-
Insertion Loss, IL at Fc
dB
-
9.5
10.5
Ripple at fc-0.30 … fc+0.30 MHz
dB
-
0.6
1.2
Phase Linearity in Fc±0.63MHz
(RMS)
Deg
-
2.
3.5
Attenuation:(Reference level from
Min IL)
Fc-0.63 … Fc+0.63MHz
dB
3.9
5
Fc-100 … Fc- 50MHz
dB
57
74
-
Fc-50 … Fc-30MHz
dB
50
70
-
Fc-30 … Fc-10MHz
dB
40
60
-
Fc-10 … Fc-1.25 MHz
dB
25
30
-
Fc-1.25 MHz
dB
25
30
-
Fc+1.25 MHz
dB
29
32
-
Fc+1.25 … Fc+10 MHZ
dB
29
32
-
Fc+10 … Fc+30 MHZ
dB
38
56
-
Fc+30 … Fc+50 MHZ
dB
43
65
-
Fc+50 … Fc+100 MHZ
dB
50
70
-


Similar Part No. - MA09577

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA09514 GOLLEDGE-MA09514 Datasheet
155Kb / 5P
376.60MHz SAW Filter
MA09515 GOLLEDGE-MA09515 Datasheet
158Kb / 5P
494.0MHz SAW Filter
MA09528 GOLLEDGE-MA09528 Datasheet
136Kb / 5P
SAW Filter 1090.0MHz
MA09559 GOLLEDGE-MA09559 Datasheet
186Kb / 5P
359.40MHz SAW Resonator
MA09580 GOLLEDGE-MA09580 Datasheet
132Kb / 6P
70.0MHz IF SAW Filter
More results

Similar Description - MA09577

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com