Electronic Components Datasheet Search
  English  ▼

X  

PEX8605 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8605
Description  4-lane, 4-port PCIe Gen2 switch Integrate 5.0 GT/s SerDes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8605 Datasheet(HTML) 1 Page - PLX Technology

  PEX8605 Datasheet HTML 1Page - PLX Technology PEX8605 Datasheet HTML 2Page - PLX Technology PEX8605 Datasheet HTML 3Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PEX8605, PCI Express Gen 2 Switch, 4 Lanes, 4 Ports
© PLX Technology, www.plxtech.com
Page 1 of 3
8/17/2011, Version 1.1
Highlights
PEX8605 General Features
o
4-lane, 4-port PCIe Gen2 switch
 Integrate 5.0 GT/s SerDes
o
10 x 10mm
2, 136-pin aQFN
package
o
Typical Power: 0.8 Watts
PEX8605 Key Features
o
Standards Compliant
 PCI Express Base Specification, r2.1
(backwards compatible w/ PCIe
1.0a/1.1)
 PCI Power Management Spec, r1.2
 Microsoft Windows 7 Compliant
 Dynamic SerDes speed control
o
High Performance
 Non-blocking switch fabric
 Full line rate on all ports
 Packet Cut-Thru with 250ns max
packet latency (x1 to x1)
 256B Max Payload Size
o
Flexible Configuration
 Ports configurable as x1, x2
 Registers configurable with strapping
pins, EEPROM, I
2C, or host software
 Reference Clock Buffered Output
signals for downstream ports
 Lane and polarity reversal
 Compatible with PCIe 1.0a PM
o
Quality of Service (QoS)
 Eight traffic classes per port
 Round-robin source port arbitration
 Relaxed PCI Ordering
o
Reliability, Availability,
Serviceability
 visionPAK™
• Per Port Performance Monitoring
• Per port payload & header counters
• SerDes Eye Capture
• Error Injection and Loopback
 All ports hot plug capable thru I2C
(Hot-Plug Controller on every port)
 Data Path parity
 Memory (RAM) Error Correction
signals
 INTA# and FATAL_ERR#
 Advanced Error Reporting
 Port Status bits and GPIO available
 Per port error diagnostics
 JTAG AC/DC boundary scan
o
Power Management
 WAKE#, Beacon, Vaux support
The ExpressLane™ PEX8605 device offers PCI Express switching capability
enabling users to add scalable high bandwidth non-blocking interconnection
to a wide variety of applications including control plane applications,
consumer applications and embedded systems. The PEX8605 is well suited
for fan-out and peer-to-peer applications.
Low Packet Latency & High Performance
The PEX8605 architecture supports packet cut-thru with a maximum latency of
250ns in x1 to x1 configuration. This, combined with low power consumption
and non-blocking internal switch architecture, provides full line rate on all ports
for low-power applications such as consumer and embedded. The low latency
enables applications to achieve high throughput and performance. In addition to
low latency, the device supports a max payload size of 256 bytes.
Data Integrity
The PEX8605 provides end-to-end CRC protection (ECRC) and Poison bit
support to enable designs that require guaranteed error-free packets. PLX also
supports data path parity and memory (RAM) error correction as packets pass
through the switch.
Power Management and Clock Buffering
The PEX8605 supports the following power management states: L0, L0s, L1,
L2/L3 Ready, L2 and L3. Moreover, the PEX8605 supports Vaux along with the
external signal WAKE# and the in-band Beacon for the PCIe endpoints to use to
inform the system host to exit the low power savings mode.
The PEX 8605 supports three pairs of PCI Express-compliant, 100MHz, buffered
HCSL output clocks, one pair for each downstream port of the switch. Each
clock output pair can be disabled by software or serial EEPROM when not in
use, for additional power savings. This feature greatly reduces system BOM cost
by eliminating the need for extra clock buffers on the PCB.
Interoperability
The PEX8605 is designed to be fully compliant with the PCI Express Base
Specification r2.1 and is backwards compatible to PCI Express Base
Specification r1.1 and r1.0a. Additionally each port supports auto-negotiation and
polarity reversal. Furthermore, the PEX8605 is designed for Microsoft Windows
7 compliance. All PLX switches undergo thorough interoperability testing in
PLX’s Interoperability Lab and compliance testing at the PCI-SIG plug-fest to
ensure compatibility with PCI Express devices in the market.
Device Operation Configuration Flexibility
The PEX8605 provides several ways to configure its operations. The device can
be configured through strapping pins, I
2C interface, CPU configuration cycles
and/or an optional serial EEPROM. This allows for easy debug during the
development phase and functional monitoring during the operation phase.


Similar Part No. - PEX8605

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
PEX8605 LUGUANG-PEX8605 Datasheet
232Kb / 3P
Low Packet Latency & High Performance
logo
AVAGO TECHNOLOGIES LIMI...
PEX8605 AVAGO-PEX8605 Datasheet
232Kb / 3P
PCI Express Gen 2 Switch
More results

Similar Description - PEX8605

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8616 PLX-PEX8616 Datasheet
199Kb / 4P
PCIe Gen2, 5.0GT/s 16-lane, 4-port Switch
PEX8648 PLX-PEX8648 Datasheet
230Kb / 4P
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
PEX8606 PLX-PEX8606 Datasheet
1Mb / 4P
PCIe Gen2, 5.0 GT/s 6-lane 6-port PCI Express짰 Switch
PEX8608 PLX-PEX8608 Datasheet
1,009Kb / 4P
PCIe Gen2, 5.0 GT/s 8-lane 8-port PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8606 AVAGO-PEX8606 Datasheet
1Mb / 4P
PCIe Gen2, 5.0 GT/s 6-lane 6-port PCI Express
PEX8608 AVAGO-PEX8608 Datasheet
1,009Kb / 4P
PCIe Gen2, 5.0 GT/s 8-lane 8-port PCI Express
PEX8616 AVAGO-PEX8616 Datasheet
215Kb / 4P
PCIe Gen2, 5.0GT/s 16-lane, 4-port Switch
PEX8648 AVAGO-PEX8648 Datasheet
254Kb / 4P
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
PLX Technology
PEX8603 PLX-PEX8603 Datasheet
211Kb / 3P
3-lane, 3-port PCIe Gen2 switch Integrate 5.0 GT/s SerDes
PEX8712 PLX-PEX8712 Datasheet
469Kb / 5P
12-lane, 3-port PCIe Gen 3 switch Integrated 8.0 GT/s SerDes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com