Electronic Components Datasheet Search
  English  ▼

X  

APL5950 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5950
Description  5A, Ultra Low Dropout (0.15V Typical) Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5950 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5950 Datasheet HTML 9Page - Anpec Electronics Coropration APL5950 Datasheet HTML 10Page - Anpec Electronics Coropration APL5950 Datasheet HTML 11Page - Anpec Electronics Coropration APL5950 Datasheet HTML 12Page - Anpec Electronics Coropration APL5950 Datasheet HTML 13Page - Anpec Electronics Coropration APL5950 Datasheet HTML 14Page - Anpec Electronics Coropration APL5950 Datasheet HTML 15Page - Anpec Electronics Coropration APL5950 Datasheet HTML 16Page - Anpec Electronics Coropration APL5950 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Oct., 2012
www.anpec.com.tw
13
APL5950/A
Application Information
........... (V)
Power Sequencing
Output Capacitor
Input Capacitor
Setting Output Voltage
The power sequencing of VIN and VCNTL is not neces-
sary to be concerned. However, do not apply a voltage to
VOUT for a long time when the main voltage applied at
VIN is not present. The reason is the internal parasitic
diode from VOUT to VIN conducts and dissipates power
without protections due to the forward-voltage.
The APL5950/A requires a proper output capacitor to main-
tain stability and improve transient response. The output
capacitor selection is dependent upon ESR (equivalent
series resistance) and capacitance of the output capaci-
tor over the operating temperature.
Ultra-low-ESR capacitors (such as ceramic chip
capacitors) and low-ESR bulk capacitors (such as solid
tantalum, POSCap, and Aluminum electrolytic capacitors)
can all be used as output capacitors.
During load transients, the output capacitors, depending
on the stepping amplitude and slew rate of load current,
are used to reduce the slew rate of the current seen by
the APL5950/A and help the device to minimize the varia-
tions of output voltage for good transient response. For
the applications with large stepping load current, the low-
ESR bulk capacitors are normally recommended.
Decoupling ceramic capacitors must be placed at the
load and ground pins as close as possible and the im-
pedance of the layout must be minimized.
The APL5950/A requires proper input capacitors to sup-
ply current surge during stepping load transients to pre-
vent the input voltage rail from dropping. Because the
parasitic inductor from the voltage sources or other bulk
capacitors to the VIN pin limit the slew rate of the surge
currents, more parasitic inductance needs more input
capacitance.
Ultra-low-ESR capacitors (such as ceramic chip capaci-
tors) and low-ESR bulk capacitors (such as solid
tantalum, POSCap, and Aluminum electrolytic capacitors)
can all be used as an input capacitor of VIN. For most
applications, the recommended input capacitance of VIN
is 22
µF at least. However, if the drop of the input voltage
is not cared, the input capacitance can be less than 22
µF.
More capacitance reduces the variations of the supply
voltage on VIN pin.
The output voltage is programmed by the resistor divider
connected to FB pin. The preset output voltage is calcu-
lated by the following equation :
Where R1 is the resistor connected from VOUT to FB with
Kelvin sensing connection and R2 is the resistor con-
nected from FB to GND. A bypass capacitor(C1) may be
connected with R1 in parallel to improve load transient
response and stability.


+
⋅
=
R2
R1
1
V
V
REF
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com