Electronic Components Datasheet Search
  English  ▼

X  

APL5950 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5950
Description  5A, Ultra Low Dropout (0.15V Typical) Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5950 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5950 Datasheet HTML 1Page - Anpec Electronics Coropration APL5950 Datasheet HTML 2Page - Anpec Electronics Coropration APL5950 Datasheet HTML 3Page - Anpec Electronics Coropration APL5950 Datasheet HTML 4Page - Anpec Electronics Coropration APL5950 Datasheet HTML 5Page - Anpec Electronics Coropration APL5950 Datasheet HTML 6Page - Anpec Electronics Coropration APL5950 Datasheet HTML 7Page - Anpec Electronics Coropration APL5950 Datasheet HTML 8Page - Anpec Electronics Coropration APL5950 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Oct., 2012
www.anpec.com.tw
2
APL5950/A
Pin Configuration
= Exposed Pad
(connected to VIN plane for better heat dissipation)
GND
FB
VOUT
1
2
3
4
EN
POK
VCNTL
VIN
8
7
6
5
SOP-8P
(Top View)
VOUT
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 5.5
V
VCNTL
VCNTL Supply Voltage (VCNTL to GND)
-0.3 ~ 7
V
VOUT
VOUT to GND Voltage
-0.3 ~ VIN +0.3
V
VPOK
POK to GND Voltage
-0.3 ~ 7
V
TDFN3X3-10
(Top View)
VOUT 3
10 VCNTL
POK 1
FB 2
VOUT 5
9 EN
7 VIN
8 VIN
VOUT 4
6 VIN
= Exposed Pad
(connected to ground plane for better heat dissipation)
GND
APL5950
Handling Code
Temperature Range
Package Code
Package Code
KA : SOP-8P
QB : TDFN3x3-10
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Voltage Code
Blank : 0.8V Reference Voltage
A : 0.6V Reference Voltage
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APL5950 KA :
L5950
XXXXX
XXXXX - Date Code
APL5950A KA :
L5950A
XXXXX
XXXXX - Date Code
Voltage Code
APL5950 QB :
APL
5950
XXXXX
XXXXX - Date Code
APL5950A QB :
APL
5950A
XXXXX
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com