Electronic Components Datasheet Search
  English  ▼

X  

APL5933 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5933
Description  3A, Ultra Low Dropout (0.19V Typical) Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5933 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5933 Datasheet HTML 9Page - Anpec Electronics Coropration APL5933 Datasheet HTML 10Page - Anpec Electronics Coropration APL5933 Datasheet HTML 11Page - Anpec Electronics Coropration APL5933 Datasheet HTML 12Page - Anpec Electronics Coropration APL5933 Datasheet HTML 13Page - Anpec Electronics Coropration APL5933 Datasheet HTML 14Page - Anpec Electronics Coropration APL5933 Datasheet HTML 15Page - Anpec Electronics Coropration APL5933 Datasheet HTML 16Page - Anpec Electronics Coropration APL5933 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2017
APL5933A/B/C/D
www.anpec.com.tw
13
Function Description
Power-On-Reset
A Power-On-Reset (POR) circuit monitors both of supply
voltages on VCNTL and VIN pins to prevent wrong logic
controls. The POR function initiates a soft-start process
after both of the supply voltages exceed their rising POR
voltage thresholds during powering on. The POR func-
tion also pulls low the POK voltage regardless of the
output status when one of the supply voltages falls below
its falling POR voltage threshold.
Internal Soft-Start
An internal soft-start function controls rise rate of the out-
put voltage to limit the current surge during start-up. The
typical soft-start interval is about 2ms.
Output Voltage Regulation
An error amplifier working with a temperature-compen-
sated 0.8V reference and an output NMOS regulates out-
put to the preset voltage. The error amplifier is designed
with high bandwidth and DC gain provides very fast tran-
sient response and less load regulation. It compares the
reference with the feedback voltage and amplifies the dif-
ference to drive the output NMOS which provides load
current from VIN to VOUT.
Current-Limit Protection
The APL5933A/B/C/D monitors the current flowing through
the output NMOS and limits the maximum current to pre-
vent load and APL5933A/B/C/D from damages during cur-
rent overload conditions.
Short Current-Limit Protection
The short current-limit function reduces the current-limit
level down to 0.9A (typical) when the voltage on FB pin
falls below 0.2V (typical) during current overload or short-
circuit conditions.
The short current-limit function is disabled for success-
ful start-up during soft-start interval.
The regulator regulates the output again through initia-
tion of a new soft-start process after the junction tem-
perature cools by 50oC, resulting in a pulsed output dur-
ing continuous thermal overload conditions. The thermal
shutdown is designed with a 50oC hysteresis to lower
the average junction temperature during continuous ther-
mal overload conditions, extending lifetime of the device.
For normal operation, the device power dissipation should
be externally limited so that junction temperatures will
not exceed +125οC.
Enable Control (APL5933A/B)
The APL5933A/B has a dedicated enable pin (EN). A
logic low signal applied to this pin shuts down the
output. Following a shutdown, a logic high signal re-
enables the output through initiation of a new turn on
delay and soft-start cycle. When left open, this pin is
pulled up by an internal current source (3
µA typical) to
enable normal operation. It
’s not necessary to use an
external transistor to save cost.
Power-OK and Delay
The APL5933A/B/C/D indicates the status of the output
voltage by monitoring the feedback voltage (V
FB) on FB
pin. As the V
FB rises and reaches the rising Power-OK
voltage threshold (V
THPOK), an internal delay function starts
to work. At the end of the delay time, the IC turns off the
internal NMOS of the POK to indicate the output is ok. As
the V
FB falls and reaches the falling Power-OK voltage
threshold, the IC turns on the NMOS of the POK ( after a
debounce time of 10
µs typical ).
Enable Control (APL5933C/D)
The APL5933C/D has a dedicated enable pin (EN). A
logic low signal applied to this pin shuts down the
output. Following a shutdown, a logic high signal re-
enables the output through initiation of a new turn on
delay and soft-start cycle. When left open, this pin is
pulled low by an internal current sink (3
µA typical) to
shutdown the regulator.
Thermal Shutdown
A thermal shutdown circuit limits the junction tempera-
ture of APL5933A/B/C/D. When the junction temperature
exceeds +150oC, a thermal sensor turns off the output
NMOS, allowing the device to cool down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com