Electronic Components Datasheet Search
  English  ▼

X  

APL5933 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5933
Description  3A, Ultra Low Dropout (0.19V Typical) Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5933 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5933 Datasheet HTML 1Page - Anpec Electronics Coropration APL5933 Datasheet HTML 2Page - Anpec Electronics Coropration APL5933 Datasheet HTML 3Page - Anpec Electronics Coropration APL5933 Datasheet HTML 4Page - Anpec Electronics Coropration APL5933 Datasheet HTML 5Page - Anpec Electronics Coropration APL5933 Datasheet HTML 6Page - Anpec Electronics Coropration APL5933 Datasheet HTML 7Page - Anpec Electronics Coropration APL5933 Datasheet HTML 8Page - Anpec Electronics Coropration APL5933 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2017
APL5933A/B/C/D
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
= Exposed Pad
(connected to ground plane for better heat dissipation)
= Exposed Pad
(connected to ground plane for better heat dissipation)
POK
EN
VIN
VCNTL
1
2
3
4
GND
FB
VOUT
NC
8
7
6
5
APL5933A/B/C/D
SOP-8P
(Top View)
8 VIN
APL5933A/B/C/D
TDFN3x3-10
VOUT 2
VOUT 3
FB 4
VOUT 1
POK 5
6 EN
9 VIN
7 VIN
10 VCNTL
GND
(Top View)
APL5933
Handling Code
Temperature Range
Package Code
Turn On Delay Time
A : Initial High/2.7ms B : Initial High/0.5ms
C : Initial Low/2.7ms D : Initial Low/0.5ms
Package Code
KA : SOP-8P
QB : TDFN3x3-10
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APL5933A KA :
APL5933A
XXXXX
XXXXX - Date Code
APL5933B KA :
APL5933B
XXXXX
XXXXX - Date Code
APL5933A QB :
APL
XXXXX
XXXXX - Date Code
APL5933B QB :
XXXXX - Date Code
Enable Function /
Turn On Delay
5933A
APL
XXXXX
5933B
APL5933C QB :
APL
XXXXX
XXXXX - Date Code
APL5933D QB :
XXXXX - Date Code
5933C
APL
XXXXX
5933D
APL5933C KA :
APL5933C
XXXXX
XXXXX - Date Code
APL5933D KA :
APL5933D
XXXXX
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com