Electronic Components Datasheet Search
  English  ▼

X  

AFV141KGS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFV141KGS
Description  RF Power LDMOS Transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV141KGS Datasheet(HTML) 1 Page - NXP Semiconductors

  AFV141KGS Datasheet HTML 1Page - NXP Semiconductors AFV141KGS Datasheet HTML 2Page - NXP Semiconductors AFV141KGS Datasheet HTML 3Page - NXP Semiconductors AFV141KGS Datasheet HTML 4Page - NXP Semiconductors AFV141KGS Datasheet HTML 5Page - NXP Semiconductors AFV141KGS Datasheet HTML 6Page - NXP Semiconductors AFV141KGS Datasheet HTML 7Page - NXP Semiconductors AFV141KGS Datasheet HTML 8Page - NXP Semiconductors AFV141KGS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AFV141KH AFV141KHS AFV141KGS
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs
These RF power devices are designed for commercial applications operating
at frequencies from 1200 to 1400 MHz such as commercial L--Band radars. The
devices are suitable for use in pulse applications.
Typical Pulse Performance: In 1200–1400 MHz reference circuit, VDD =50 Vdc,
IDQ(A+B) = 100 mA, Pin =25 W
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
D
(%)
1200
Pulse
(300 sec, 12% Duty Cycle)
950 Peak
15.8
46.5
1300
1120 Peak
16.5
47.5
1400
1000 Peak
16.1
46.6
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
1400 (1)
Pulse
(128 sec,
10% Duty Cycle)
> 20:1 at
All Phase
Angles
31.6 Peak
(3 dB
Overdrive)
50
No Device
Degradation
1. Measured in 1400 MHz narrowband production circuit.
Features
 Internally Input and Output Matched for Broadband Operation and Ease of Use
 Device Can Be Used in a Single--Ended, Push--Pull or Quadrature
Configuration
 Qualified up to a Maximum of 50 VDD Operation
 High Ruggedness, Handles > 20:1 VSWR
 Integrated ESD Protection with Greater Negative Voltage Range for Improved
Class C Operation and Gate Voltage Pulsing
 Characterized with Series Equivalent Large--Signal Impedance Parameters
Typical Applications
 Commercial L--Band Radar Systems
Document Number: AFV141KH
Rev. 0, 4/2016
Freescale Semiconductor
Technical Data
1200–1400 MHz, 1000 W PEAK, 50 V
AIRFAST RF POWER LDMOS
TRANSISTORS
AFV141KH
AFV141KHS
AFV141KGS
(Top View)
Drain A
31
Figure 1. Pin Connections
42 Drain B
Gate A
Gate B
NI--1230GS--4L
AFV141KGS
NI--1230S--4S
AFV141KHS
NI--1230H--4S
AFV141KH
Note: The backside of the package is the
source terminal for the transistor.
 Freescale Semiconductor, Inc., 2016. All rights reserved.


Similar Part No. - AFV141KGS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFV10700GS NXP-AFV10700GS Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
AFV10700HS NXP-AFV10700HS Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
AFV10700HSR5 NXP-AFV10700HSR5 Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
AFV121KGS NXP-AFV121KGS Datasheet
1,022Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 11/2015
More results

Similar Description - AFV141KGS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
RF Power LDMOS Transistors
Rev. 1, 08/2017
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 09/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com