Electronic Components Datasheet Search
  English  ▼

X  

CDCM1802RGTR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTR
Description  CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1802RGTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCM1802RGTR Datasheet HTML 5Page - Texas Instruments CDCM1802RGTR Datasheet HTML 6Page - Texas Instruments CDCM1802RGTR Datasheet HTML 7Page - Texas Instruments CDCM1802RGTR Datasheet HTML 8Page - Texas Instruments CDCM1802RGTR Datasheet HTML 9Page - Texas Instruments CDCM1802RGTR Datasheet HTML 10Page - Texas Instruments CDCM1802RGTR Datasheet HTML 11Page - Texas Instruments CDCM1802RGTR Datasheet HTML 12Page - Texas Instruments CDCM1802RGTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CDCM1802
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER,
LVPECL I/O + ADDITIONAL LVCMOS OUTPUT
SCAS759 − APRIL 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
f − Frequency − GHz
50
60
70
80
90
100
110
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
CMOS Running,
PECL Off (Mode 10)
SUPPLY CURRENT
vs
FREQUENCY
NOTE: Input swing = 500 mV
Figure 6
CMOS and PECL
Running, No Load
CMOS and PECL Running (Mode 3)
CMOS Off, PECL Running
Package Thermal Resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA
QFN−16 package thermal resistance
with thermal vias in PCB, See Note 1
4-layer JEDEC test board (JESD51−7) with four
thermal vias of 22-mil diameter each,
airflow = 0 ft/min
40.8
°C/W
NOTE 1: It is recommended to provide four thermal vias to connect the thermal pad of the package effectively with the PCB and ensure a good
heat sink.
Example:
Calculation of the junction-lead temperature with a 4-layer JEDEC test board using four thermal vias:
TChassis = 85°C (temperature of the chassis)
Peffective = Imax x Vmax = 85 mA x 3.6 V = 306 mW (max power consumption inside the package)
∆TJunction = θJA x Peffective = 40.8°C/W x 306 mW = 12.48°C
TJunction = ∆TJunction + TChassis = 12.48°C + 85°C = 97.48°C (the maximum junction temperature of Tdie−max
= 125°C is not violated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com