Electronic Components Datasheet Search
  English  ▼

X  

CDCM1802RGTR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTR
Description  CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1802RGTR Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCM1802RGTR Datasheet HTML 10Page - Texas Instruments CDCM1802RGTR Datasheet HTML 11Page - Texas Instruments CDCM1802RGTR Datasheet HTML 12Page - Texas Instruments CDCM1802RGTR Datasheet HTML 13Page - Texas Instruments CDCM1802RGTR Datasheet HTML 14Page - Texas Instruments CDCM1802RGTR Datasheet HTML 15Page - Texas Instruments CDCM1802RGTR Datasheet HTML 16Page - Texas Instruments CDCM1802RGTR Datasheet HTML 17Page - Texas Instruments CDCM1802RGTR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
CDCM1802
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER,
LVPECL I/O + ADDITIONAL LVCMOS OUTPUT
SCAS759 − APRIL 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
LVPECL receiver input termination
The input of the CDCM1802 has high impedance and comes with a very large common mode voltage range.
For optimized noise performance it is recommended to properly terminate the PCB trace (transmission line).
Additional termination techniques can be found in the following application notes: SCAA062 and SCAA059.
http://focus.ti.com/docs/apps/catalog/resources/appnoteabstract.jhtml?abstractName=scaa062
http://focus.ti.com/docs/apps/catalog/resources/appnoteabstract.jhtml?abstractName=scaa059
IN
LVPECL
150 Ω
150 Ω
CAC
CAC
50 Ω
50 Ω
IN
CDCM1802
C
VBB
50 Ω
50 Ω
Figure 13. Recommended AC-Coupling LVPECL Receiver Input Termination
LVPECL
130 Ω
83 Ω
CDCM1802
50 Ω
50 Ω
130 Ω
83 Ω
Figure 14. Recommended DC-Coupling LVPECL Receiver Input Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com