Electronic Components Datasheet Search
  English  ▼

X  

LM1202 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1202
Description  LM1202 230 MHz Video Amplifier System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1202 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1202 Datasheet HTML 1Page - National Semiconductor (TI) LM1202 Datasheet HTML 2Page - National Semiconductor (TI) LM1202 Datasheet HTML 3Page - National Semiconductor (TI) LM1202 Datasheet HTML 4Page - National Semiconductor (TI) LM1202 Datasheet HTML 5Page - National Semiconductor (TI) LM1202 Datasheet HTML 6Page - National Semiconductor (TI) LM1202 Datasheet HTML 7Page - National Semiconductor (TI) LM1202 Datasheet HTML 8Page - National Semiconductor (TI) LM1202 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VCC Pins 4 7 16 to
Ground Pins 5 13 15
135V
Voltage at Any Input Pin (VIN)VCC t VIN t GND
Video Output Current (I17)28 mA
Package Power Dissipation at TA e 25 C
156W
(Above 25 C Derate Based iJA and TJ)
Package Thermal Resistance (iJA)
N20A
68 CW
M20B
90 CW
Junction Temperature (TJ)
150 C
Storage Temperature Range (Tstg)
b
65 Cto a150 C
Lead Temperature
N Package (Soldering 10 sec)
265 C
ESD Susceptibility
Human Body Model 100 pF Discharged
15 kV
through a 15k Resistor
Operating Ratings (Note 2)
Temperature Range
b
20 Cto a80 C
Supply Voltage (VCC)8V s VCC s 132V
DC Electrical Characteristics See Test Circuit (Figure 1) TA e 25 C V4 e V7 e V16 e 12V S1 Open
V19 e 4V V8 e 4V V9 e 4V V14 e 0V unless otherwise noted
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 3)
(Note 4)
IS 4 7 16
Total Supply Current
RLoad e % (Note 5)
48
60
mA (max)
V6
Video Input Bias Voltage
24
2
V (min)
V14L
Clamp Gate Low Input Voltage
Clamp Comparator On
08
V (max)
V14H
Clamp Gate High Input Voltage
Clamp Comparator Off
2
V (min)
I14L
Clamp Gate Low Input Current
V14 e 0V
b
05
m
A
I14H
Clamp Gate High Input Current
V14 e 12V
0005
m
A
I12a
Clamp Cap Charge Current
V12 e 0V
800
500
m
A (min)
I12b
Clamp Cap Discharge Current
V12 e 5V
b
800
b
500
m
A (min)
V17L
Video Output Low Voltage
V12 e 0V
02
065
V (max)
V17H
Video Output High Voltage
V12 e 6V
10
9
V (min)
VOS
Comparator Input Offset Voltage
V18 b V19
15
g
50
mV (max)
AC Electrical Characteristics See Test Circuit (Figure 1) TA e 25 C V4 e V7 e V16 e 12V S1 Closed
V19 e 4V V8 e 4V V9 e 4V V14 e 0V unless otherwise noted
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 3)
(Note 4)
RIN
Video Amplifier Input Resistance
fIN e 12 kHz
20
kX
AV max
Video Amplifier Gain
V8 e 4V V9 e 4V
20
16
VV (min)
D
AV 2V
Attenuation at 2V
Ref AV max V8 e 2V
b
6dB
D
AV 05V
Attenuation at 05V
Ref AV max V8 e 05V
b
38
b
23
dB (min)
D
Drive
D
Gain Range
V9 e 0V to 4V
6
5
dB (min)
THD
Video Amplifier Distortion
VO e 4VPP fIN e 12 kHz
05
1
% (max)
fb3dB
Video Amplifier Bandwidth (Note 6)
VO e 4VPP
230
MHz
tr
Output Rise Time (Note 6)
VO e 4VPP
15
2
ns (max)
tf
Output Fall Time (Note 6)
VO e 4VPP
15
2
ns (max)
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com