Electronic Components Datasheet Search
  English  ▼

X  

LM1202 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1202
Description  LM1202 230 MHz Video Amplifier System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1202 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM1202 Datasheet HTML 9Page - National Semiconductor (TI) LM1202 Datasheet HTML 10Page - National Semiconductor (TI) LM1202 Datasheet HTML 11Page - National Semiconductor (TI) LM1202 Datasheet HTML 12Page - National Semiconductor (TI) LM1202 Datasheet HTML 13Page - National Semiconductor (TI) LM1202 Datasheet HTML 14Page - National Semiconductor (TI) LM1202 Datasheet HTML 15Page - National Semiconductor (TI) LM1202 Datasheet HTML 16Page - National Semiconductor (TI) LM1202 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Applications of the LM1202
SINGLE VIDEO CHANNEL
A typical application for a single video channel is shown in
Figure 9 The video signal is AC coupled to pin 6 The
LM1202 internally biases the video signal to 26 VDC Con-
trast control is achieved by applying a 0V to 4V DC voltage
at pin 8 The amplifier’s gain is minimum (ie maximum sig-
nal attenuation) if pin 8 is at 0V and is maximum if pin 8 is at
4V With pin 9 (drive control) at 0V the amplifier has a maxi-
mum gain of 10
For DC restoration a clamp signal must be applied to the
clamp gate input (pin 14) The clamp signal should be logic
low (less than 08V) only during the back porch (black level
reference period) interval (see
Figure 2 ) The clamp gate
input is TTL compatible Brightness control is provided by
applying a 0V to 4V DC voltage at pin 19 For example if pin
19 is biased at 1V then the video signal’s black level will be
clamped at 1V A 510X load resistor is connected from the
video output pin (pin 17) to ground This resistor biases the
output stage of the amplifier For power dissipation consid-
erations the load resistor should not be much less than
510X
RGB VIDEO PREAMPLIFIER
Figure 10 shows an RGB video preamplifier circuit using
three LM1202s Note that pins 1 and 2 of IC1 are connected
to pins 1 and 2 of IC2 and IC3 respectively This allows IC1
to provide a master contrast control and optimum contrast
tracking Adjusting the contrast voltage at pin 8 of IC1 will
vary the gain of all three video channels Drive control input
(pin 9) of each LM1202 allows individual gain adjustment for
achieving white balance
The black level of each video channel can be individually
adjusted to the desired voltage by adjusting the voltage at
pin 19 In a DC-coupled cathode drive application adjusting
the voltage at pin 19 of each IC will provide cutoff adjust-
ment In an AC-coupled cathode drive application the video
signal is AC coupled and DC restored at the cathode In
such an application the video signal’s black level may be
clamped to the desired level by simply biasing pin 19 to the
black level voltage by using a voltage divider at pin 19
http
www nationalcom
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com