Electronic Components Datasheet Search
  English  ▼

X  

APL5320 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5320
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5320 Datasheet HTML 1Page - Anpec Electronics Coropration APL5320 Datasheet HTML 2Page - Anpec Electronics Coropration APL5320 Datasheet HTML 3Page - Anpec Electronics Coropration APL5320 Datasheet HTML 4Page - Anpec Electronics Coropration APL5320 Datasheet HTML 5Page - Anpec Electronics Coropration APL5320 Datasheet HTML 6Page - Anpec Electronics Coropration APL5320 Datasheet HTML 7Page - Anpec Electronics Coropration APL5320 Datasheet HTML 8Page - Anpec Electronics Coropration APL5320 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.14 - Jun., 2018
APL5320/A
www.anpec.com.tw
2
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
SOT-23-5
Product Name Marking
APL5320-12B
205X
APL5320-15B
209X
APL5320-18B
20CX
APL5320-20B
20EX
APL5320-25B
20JX
APL5320-28B
20MX
APL5320-30B
20OX
APL5320-33B
20RX
Note: X - Code.
TSOT-23-5
Product Name Marking
APL5320-12BT
205X
APL5320-15BT
209X
APL5320-18BT
20CX
APL5320-20BT
20EX
APL5320-25BT
20JX
APL5320-28BT
20MX
APL5320-30BT
20OX
APL5320-33BT
20RX
Note: X - Code.
SOT-23-3
Product Name
Marking
APL5320-12A
205X
APL5320-15A
209X
APL5320-18A
20CX
APL5320-20A
20EX
APL5320-25A
20JX
APL5320-28A
20MX
APL5320-30A
20OX
APL5320-33A
20RX
Note : X - Code.
TDFN1.6x1.6-6 / TDFN1.5x1.5-6
Product Name Marking
APL5320-12QB
205X
APL5320-15QB
209X
APL5320-18QB
20CX
APL5320-20QB
20EX
APL5320-25QB
20JX
APL5320-28QB
20MX
APL5320-30QB
20OX
APL5320-33QB
20RX
Note : X - Code.
SC-70-5
Product Name Marking
APL5320-12S5
205
APL5320-15S5
209
APL5320-18S5
20C
APL5320-20S5
20E
APL5320-25S5
20J
APL5320-28S5
20M
APL5320-30S5
20O
APL5320-33S5
20R
SC-82-4
Product Name
Marking
APL5320-12SR
205
APL5320-15SR
209
APL5320-18SR
20C
APL5320-20SR
20E
APL5320-25SR
20J
APL5320-28SR
20M
APL5320-30SR
20O
APL5320-33SR
20R
APL5320/A
Package Code
B : SOT-23-5 BT : TSOT-23-5 A : SOT-23-3 SR : SC-82-4
S5 : SC-70-5
QB : TDFN1.6x1.6-6
QB : TDFN1.5x1.5-6 (only for APL5320A)
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Voltage Code
12 : 1.2V
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
Assembly Material
Voltage Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com