Electronic Components Datasheet Search
  English  ▼

X  

APL5320 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APL5320
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APL5320 Datasheet HTML 17Page - Anpec Electronics Coropration APL5320 Datasheet HTML 18Page - Anpec Electronics Coropration APL5320 Datasheet HTML 19Page - Anpec Electronics Coropration APL5320 Datasheet HTML 20Page - Anpec Electronics Coropration APL5320 Datasheet HTML 21Page - Anpec Electronics Coropration APL5320 Datasheet HTML 22Page - Anpec Electronics Coropration APL5320 Datasheet HTML 23Page - Anpec Electronics Coropration APL5320 Datasheet HTML 24Page - Anpec Electronics Coropration APL5320 Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.14 - Jun., 2018
APL5320/A
www.anpec.com.tw
21
Applica tion
A
H
T1
C
d
D
W
E 1
F
178 .0 ±2 .00
50 MIN.
8 .4 +2.00
-0.00
1 3.0+0 .50
-0.20
1 .5 MIN.
20.2 MIN.
8.0 ±0.30
1.75 ±0 .10
3 .50±0.05
P0
P 1
P 2
D0
D1
T
A0
B0
K0
SC-70 -5
4.0±0.10
4.0±0.10
2.0±0.05
1.5+0.10
- 0.00
1.00 MIN.
0.6 +0.00
- 0.40
2.40±0.20
2.40±0.20
1 .20±0.20
Applica tion
A
H
T1
C
d
D
W
E 1
F
178 .0 ±2 .00
50 MIN.
8 .4 +2.00
-0.00
1 3.0+0 .50
- 0.20
1 .5 MIN.
20.2 MIN.
8.0 ±0.30
1.75 ±0 .10
3.5±0.05
P0
P 1
P 2
D0
D1
T
A0
B0
K0
TDFN1.6x1 .6-6
4.0±0.10
4.0±0.10
2.0±0.05
1.5+0.10
-0.00
1 .5 MIN.
0.6 +0.00
- 0.40
1.70±0.20
1.70±0.20
0 .90±0.20
Applica tion
A
H
T1
C
d
D
W
E 1
F
178 .0 ±2 .00
50 MIN.
8 .4 +2.00
-0.00
1 3.0+0 .50
-0.20
1 .5 MIN.
20.2 MIN.
8.0 ±0.30
1.75 ±0 .10
3 .50±0.05
P0
P 1
P 2
D0
D1
T
A0
B0
K0
SC-82 -4
4.0±0.10
4.0±0.10
2.0±0.05
1.5+0.10
- 0.00
1.00 MIN.
0.6 +0.00
- 0.40
2.40±0.20
2.40±0.20
1 .20±0.20
Applica tion
A
H
T1
C
d
D
W
E 1
F
178 .0 ±2 .00
50 MIN.
8 .4 +2.00
-0.00
1 3.0+0 .50
- 0.20
1 .5 MIN.
20.2 MIN.
8.0 ±0.30
1.75 ±0 .10
3.5±0.05
P0
P 1
P 2
D0
D1
T
A0
B0
K0
TDFN1.5x1 .5-6
4.0±0.10
4.0±0.10
2.0±0.05
1.5+0.10
-0.00
1 .5 MIN.
0.6 +0.00
- 0.40
1.80±0.20
1.80±0.20
1 .00±0.20
(mm)
Carrier Tape & Reel Dimensions (Cont.)
Devices Per Unit
P acka ge Type
Unit
Quantity
SO T-23 -5
Tape & Reel
3 000
TSO T-23-5
Tape & Reel
3 000
SO T-23 -3
Tape & Reel
3 000
SC-70 -5
Tape & Reel
3 000
TDFN1.6x1 .6 -6
Tape & Reel
3 000
SC-82 -4
Tape & Reel
3 000
TDFN1.5x1 .5 -6
Tape & Reel
3 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com