Electronic Components Datasheet Search
  English  ▼

X  

WFS3-40P415 Datasheet(PDF) 2 Page - SICK AG

Part # WFS3-40P415
Description  FORK SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WFS3-40P415 Datasheet(HTML) 2 Page - SICK AG

  WFS3-40P415 Datasheet HTML 1Page - SICK AG WFS3-40P415 Datasheet HTML 2Page - SICK AG WFS3-40P415 Datasheet HTML 3Page - SICK AG WFS3-40P415 Datasheet HTML 4Page - SICK AG WFS3-40P415 Datasheet HTML 5Page - SICK AG WFS3-40P415 Datasheet HTML 6Page - SICK AG WFS3-40P415 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WFS3-40P415 | WFS
FORK SENSORS
Ordering information
Type
Part no.
WFS3-40P415
6043919
Other models and accessories
www.sick.com/WFS
Detailed technical data
Features
Functional principle
Optical detection principle
Dimensions (W x H x D)
10 mm x 25 mm x 64.3 mm
Housing design (light emission)
Fork shaped
Fork width
3 mm
Fork depth
42 mm
Minimum detectable object (MDO)
Gap between Labels / Size of labels: 2 mm 1)
Label detection
✔
Light source
LED, Infrared light
Adjustment
Plus/minus button (Teach-in, sensitivity, light/dark switching)
Cable (dynamic Teach-in)
Teach-in mode
2-point teach-in
Dynamic Teach-in
Output function
Light/darkswitching, selectable via button
1) Depends on the label thickness.
Interfaces
IO-Link functions
—
Advanced functions
—
Fieldbus, industrial network
-
Type of fieldbus integration
-
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
< 10 % 2)
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
2
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com