Electronic Components Datasheet Search
  English  ▼

X  

WFS3-40P415 Datasheet(PDF) 4 Page - SICK AG

Part # WFS3-40P415
Description  FORK SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WFS3-40P415 Datasheet(HTML) 4 Page - SICK AG

  WFS3-40P415 Datasheet HTML 1Page - SICK AG WFS3-40P415 Datasheet HTML 2Page - SICK AG WFS3-40P415 Datasheet HTML 3Page - SICK AG WFS3-40P415 Datasheet HTML 4Page - SICK AG WFS3-40P415 Datasheet HTML 5Page - SICK AG WFS3-40P415 Datasheet HTML 6Page - SICK AG WFS3-40P415 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WFS3-40P415 | WFS
FORK SENSORS
ETIM 5.0
EC002720
ETIM 6.0
EC002720
UNSPSC 16.0901
39121528
Dimensional drawing (Dimensions in mm (inch))
10 (0.39)
7 (0.28)
42
(1.65)
5.3
(0.21)
43
(1.69)
1
57.3
(2.26)
3 (0.12)
Ø 4.2
(0.17)
①  Optical axis
Adjustments
Adjustment: teach-in via plus/minus buttons (WFxx-B416)
3s
6s
1s TI
1s TII
1
2
3
①  Function signal indicator (yellow), switching output
②  Function indicator (red)
③  “+”/“–” buttons and function button
4
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com