Electronic Components Datasheet Search
  English  ▼

X  

OC100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OC100
Description  Opto Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OC100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OC100 Datasheet HTML 1Page - List of Unclassifed Manufacturers OC100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
-25
0
25
50
75
100
125
150
Temperature (°C)
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
Temperature (°C)
PHOTODIODE REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
OPTOCOUPLER GAIN
VS. TEMPERATURE
OC100
Typical HV Linear Regulator Circuit
Select resistor value to optimize circuit
for V
OUT and IOUT range.
10 kV
Power
Supply
42
Feedback
&
Control
6
35
1
V
OUT
100 M
.225
(5.72)
.97
(24.64)
.450(11.43)
1.00
(25.4)
.322(8.18)
.161
(4.09)
.485
(12.32)
.094
(2.39)
1.00
(25.4)
1.050
(26.67)
.165
(4.19)
31
5
46
2
LABELING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com