Electronic Components Datasheet Search
  English  ▼

X  

OC100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OC100
Description  Opto Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OC100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OC100 Datasheet HTML 1Page - List of Unclassifed Manufacturers OC100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
Opto Coupler
OC100
LED
• Forward Voltage (If = 100 mA) 1.5 V
• Reverse Leakage Current
10nA
VR = 5 V
Photodiode
• Foward Voltage (If = 0.6 A)
12.0 V MAX
• Reverse Leakage Current Typical
VR = 10 kV, I
LED = 0 mA
250 nA
VR = 10 kV, I
LED = 100 mA
100 µA
Coupled
• DC Current Transfer Ratio
0.1%
• T
ON
2 µs
• T
OFF
2 µs
All ratings at 25°C unless otherwise noted.
LED
• Forward DC Current
100 mA
• Surge Current
2.5 A
• Reverse Voltage
5 V
• Power Dissipation
200 mW
at 25°C
Photodiode
• Reverse Voltage
10,000 V
• Power Dissipation
1W
_______________________________________________
• Storage Temperature
-40°C to +125°C
• Operating Temperature
-40°C to +100°C
• Isolation Test Voltage
25 kV (Pins 1, 2, 3, & 4 tied
1
2
3
4
6
5
LED
LED
10kV
OptoDiode
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
to pins 5 & 6)


Similar Part No. - OC100

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
OC100 VMI-OC100 Datasheet
122Kb / 2P
Opto Coupler
logo
Lumins Inc.
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
logo
Voltage Multipliers Inc...
OC100 VMI-OC100 Datasheet
170Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
logo
NXP Semiconductors
OC1005 NXP-OC1005 Datasheet
88Kb / 12P
N-channel TrenchMOS standard level FET
Rev. 02-10 December 2007
logo
Voltage Multipliers Inc...
OC100G VMI-OC100G Datasheet
170Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
More results

Similar Description - OC100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC250 ETC1-OC250 Datasheet
196Kb / 2P
Opto Coupler
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
126Kb / 3P
Opto Coupler
OC100 VMI-OC100 Datasheet
122Kb / 2P
Opto Coupler
OC250 VMI-OC250 Datasheet
200Kb / 2P
Opto Coupler
logo
Linear Technology
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
Isolated Flyback Converter without an Opto-Coupler
LT4430 LINER-LT4430_1 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
Secondary-Side Opto-Coupler Driver
logo
Voltage Multipliers Inc...
OC250 VMI-OC250_13 Datasheet
106Kb / 2P
Opto Coupler ??Epoxy Molded
logo
Isahaya Electronics Cor...
M57159L-01R ISAHAYA-M57159L-01R Datasheet
313Kb / 7P
Built-in high CMR opto-coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com