Electronic Components Datasheet Search
  English  ▼

X  

BGS8M2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGS8M2
Description  SiGe:C low-noise amplifier MMIC with bypass switch for LTE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8M2 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGS8M2 Datasheet HTML 1Page - NXP Semiconductors BGS8M2 Datasheet HTML 2Page - NXP Semiconductors BGS8M2 Datasheet HTML 3Page - NXP Semiconductors BGS8M2 Datasheet HTML 4Page - NXP Semiconductors BGS8M2 Datasheet HTML 5Page - NXP Semiconductors BGS8M2 Datasheet HTML 6Page - NXP Semiconductors BGS8M2 Datasheet HTML 7Page - NXP Semiconductors BGS8M2 Datasheet HTML 8Page - NXP Semiconductors BGS8M2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DRAFT DRAFT DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT
DRAFT DRAFT
DRAFT
NXP Semiconductors
BGS8M2
SiGe:C low-noise amplifier MMIC with bypass switch for LTE
BGS8M2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 13 June 2018
COMPANY CONFIDENTIAL
5 / 15
8 Pinning information
8.1 Pinning
RF_OUT
GND
VCC
RF_IN
GND
CTRL
4
5
6
3
2
1
Transparent top view
aaa-022134
Figure 2. Pin configuration
8.2 Pin description
Table 4. Pinning
Symbol
Pin
Description
GND
1
ground
VCC
2
supply voltage
RF_OUT
3
RF out
GND_RF
4
ground RF
RF_IN
5
RF in
CTRL
6
gain control, switch between gain and bypass mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com