Electronic Components Datasheet Search
  English  ▼

X  

BGS8358 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGS8358
Description  WLAN LNA Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8358 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGS8358 Datasheet HTML 1Page - NXP Semiconductors BGS8358 Datasheet HTML 2Page - NXP Semiconductors BGS8358 Datasheet HTML 3Page - NXP Semiconductors BGS8358 Datasheet HTML 4Page - NXP Semiconductors BGS8358 Datasheet HTML 5Page - NXP Semiconductors BGS8358 Datasheet HTML 6Page - NXP Semiconductors BGS8358 Datasheet HTML 7Page - NXP Semiconductors BGS8358 Datasheet HTML 8Page - NXP Semiconductors BGS8358 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BGS8358
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 4 — 18 January 2017
2 of 12
NXP Semiconductors
BGS8358
WLAN LNA + Switch
4.
Quick reference data
[1]
See Table 10 for the appropriate control signal settings
5.
Ordering information
6.
Marking
Table 1.
Quick reference data
VCC = 3.3 V; Tamb = 25 C; 50  load, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RF performance at ANT-RX path in high-gain receive mode [1]
ICC
supply current
high-gain receive mode
-
9.5
12.5
mA
Gtr
transducer power gain
10
12.5
15
dB
NF
noise figure
-
2.3
-
dB
Pi(1dB)
input power at 1 dB gain
compression
in-band
-
0
-
dBm
RLin
input return loss
-
12
-
dB
RLout
output return loss
-
10
-
dB
RF performances at ANT-RX path in bypass receive mode [1]
ICC
supply current
bypass receive mode
-
8
15
A
Gtr
transducer power gain
11.5
8
6dB
RF performance at ANT-TX path in transmit mode [1]
ins
insertion loss
-
0.75
-
dB
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BGS8358
HX2SON8
plastic, thermal enhanced super thin small outline package; no leads;
8 terminals; body 1.5 x 1.5 x 0.3 mm
SOT1260-1
Table 3.
Marking codes
Type number
Marking code
BGS8358
58
YWW: Year & Week code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com