Electronic Components Datasheet Search
  English  ▼

X  

BGS8358 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGS8358
Description  WLAN LNA Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8358 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGS8358 Datasheet HTML 1Page - NXP Semiconductors BGS8358 Datasheet HTML 2Page - NXP Semiconductors BGS8358 Datasheet HTML 3Page - NXP Semiconductors BGS8358 Datasheet HTML 4Page - NXP Semiconductors BGS8358 Datasheet HTML 5Page - NXP Semiconductors BGS8358 Datasheet HTML 6Page - NXP Semiconductors BGS8358 Datasheet HTML 7Page - NXP Semiconductors BGS8358 Datasheet HTML 8Page - NXP Semiconductors BGS8358 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BGS8358
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 4 — 18 January 2017
4 of 12
NXP Semiconductors
BGS8358
WLAN LNA + Switch
9.
Limiting values
[1]
According to ANSI/ESDA/JEDEC standard JS-001.
[2]
According to JEDEC standard JESD22-C101.
10. Recommended operating conditions
[1]
VIH is the result of an input voltage on that specific pin between 1.8 V and VCC0.2 V and 3.6 V maximum.
11. Thermal characteristics
VTX
6
transmit mode control
GND
7, exposed die pad
ground
TX
8
transmit input
Table 4.
Pin description …continued
Symbol
Pin
Description
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.3
6
V
ICC
supply current
worst case up to P1dB
-
21
mA
VI(VRX)
input voltage on pin VRX
see Figure 1
0.3
4
V
VI(VTX)
input voltage on pin VTX
see Figure 1
0.3
4
V
VI(LNA_EN)
input voltage on pin LNA_EN
0.3
4
V
Pi(ANT)
input power-on pin ANT
high gain receive mode
-
7
dBm
bypass receive mode
-
19
dBm
Pi(TX)
input power-on pin TX
CW; transmit mode
-
33
dBm
Tamb
ambient temperature
40
+85
C
Tstg
storage temperature
40
+150
C
Tj
junction temperature
40
+150
C
VESD
electrostatic discharge voltage
human body model
[1] -
2000
V
charged device model
[2] -
500
V
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f
frequency
4900
-
5925
MHz
VCC
supply voltage
2.7
3.3
5.25
V
VIH
HIGH-level input voltage
[1] 1.8
-
3.6
V
VIL
LOW-level input voltage
0
-
+0.4
V
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
250
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com