Electronic Components Datasheet Search
  English  ▼

X  

FML10 Datasheet(PDF) 3 Page - Rohm

Part # FML10
Description  General purpose transistor (isolated transistor and diode)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FML10 Datasheet(HTML) 3 Page - Rohm

  FML10 Datasheet HTML 1Page - Rohm FML10 Datasheet HTML 2Page - Rohm FML10 Datasheet HTML 3Page - Rohm FML10 Datasheet HTML 4Page - Rohm FML10 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FML10
Transistors
Rev.B
3/4
Electrical characteristic curves
Tr1
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Fig.1 DC current gain
vs. collector current
10
100
1000
Ta
=25°C
Ta
= −40°C
Ta
=100°C
VCE
=2V
Pulsed
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Fig.2 Collector-emitter saturation voltage
base-emitter saturation voltage
vs. collector current
0.001
0.1
0.01
10
1
Ta
=25°C
Ta
=25°C
Ta
= −40°C
Ta
= −40°C
Ta
=100°C
Ta
=100°C
VBE(sat)
VCE(sat)
IC/IB
=20
Pulsed
IC/IB
=20/1
Pulsed
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Fig.3 Collector-emitter saturation voltage
vs. collector current
0.001
0.01
0.1
1
Ta
=25°C
VCE
=2V
IC/IB
=50/1
IC/IB
=20/1
IC/IB
=10/1
0
0.001
0.01
0.1
1
10
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.4 Grounded emitter propagation
characteristics
1.5
1.0
0.5
VCE
=2V
Pulsed
Ta
=25°C
Ta
= −40°C
Ta
=100°C
−0.001
−0.01
−0.1
−1
−10
EMITTER CURRENT : IE (A)
Fig.5 Gain bandwidth product
vs. emitter current
10
100
1000
VCE
=2V
Ta
=25°C
Pulsed
0.001
0.01
0.1
1
COLLECTOR CURRENT : IC (A)
Fig.6 Switching time
1
10
100
1000
IC=20 IB1=-20IB2
Ta
=25°C
f
=100MHz
tstg
tdon
tr
tf
0.1
1
10
100
EMITTER TO BASE VOLTAGE : VEB (V)
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.7 Collector output capacitance
vs. collector-base voltage
Emitter input capacitance
vs. emitter-base voltage
1
10
100
Cib
Cob
IE
=0A
f
=1MHz
Ta
=25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com