Electronic Components Datasheet Search
  English  ▼

X  

G3MB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G3MB
Description  Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G3MB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G3MB Datasheet HTML 1Page - List of Unclassifed Manufacturers G3MB Datasheet HTML 2Page - List of Unclassifed Manufacturers G3MB Datasheet HTML 3Page - List of Unclassifed Manufacturers G3MB Datasheet HTML 4Page - List of Unclassifed Manufacturers G3MB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Solid State Relay
G3MB
■ Characteristic Data
Dimensions
Unit: mm (inch)
■ Relays
Load current vs. ambient
Inrush current resistivity
temperature characteristics
Non-repetitive (Keep the inrush current to
half the rated value if it occurs repetitively.)
Switching current (A)
10
30 50 100 300 500 1,000
100
0
10
20
30
40
5,000 10,000
Ambient temperature ˚C
-40
-20
0
20 25 40
60
100
0
0.5
1.0
1.5
2.0
2.5
80
PCB Dimensions
(Bottom view)
20.5
(0.81)
max.
3.9 (0.15)
2.54 (0.10)
24.5 (0.96)
max.
0.7
(0.03)
1.4 (0.06)
0.4 (0.02)
5.5
(0.22)
max
Terminal Arrangement/
Internal Connections
(Bottom view)
INPUT
LOAD
4 (-) 3 (+)
2
1
7.62
(0.30)
2.54
(0.1)
2.54 (0.1)
Four 1.0 (0.04) dia.
G3MB
2.54
(0.1)
2.54 (0.1)
Four 1.0 (0.04) dia.
G3MB (-4)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com