Electronic Components Datasheet Search
  English  ▼

X  

G3MB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G3MB
Description  Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G3MB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G3MB Datasheet HTML 1Page - List of Unclassifed Manufacturers G3MB Datasheet HTML 2Page - List of Unclassifed Manufacturers G3MB Datasheet HTML 3Page - List of Unclassifed Manufacturers G3MB Datasheet HTML 4Page - List of Unclassifed Manufacturers G3MB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Solid State Relay
G3MB
4
■ Approvals
UL (File No. E64562)
CSA (File No. LR35535)
Note: 1. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance characteristics
individually defined in this catalog.
2. In the interest of product improvement, specifications are subject to change.
Precautions
See General Information Section near the back of this catalog for
Solid State Precautions.
Soldering must be completed within 10 seconds at 260
°C or less.
Make sure that the space between the bottom of the relay and the
PCB is 0.1 mm or less. When making holes on the PCB for the
relay’s edge terminals, the hole diameters should be slightly smaller
than the actual diameters of the edge terminals. This will reduce
unnecessary space between the bottom of the relay and the PCB.
To use the SSR output for phase control, select a model that does
not incorporate a zero-cross function.
The SSR case serves to dissipate heat. When mounting more than
three SSRs as a group, pay attention to the ambient temperature rise
and install the Relays so that they are adequately ventilated. If poor
ventilation is unavoidable, reduce the load current by half.
Protective Component
The input circuitry does not incorporate a circuit protecting the SSR
from being damaged due to a reversed connection. Make sure that
the polarity is correct when connecting the input lines.
SSR Type
Input voltage
Load type
Load ratings
G3MB-102P
5 to 24 VDC
General purpose
2 A, 120 VAC
Tungsten
1 A, 120 VAC
Motor
1.60 FLA/9.60 LRA, 120 VAC
G3MB-202P
General purpose
2 A, 240 VAC
G3MB-202PL
Tungsten
1 A, 240 VAC
G3MB-202PEG
Motor
1.60 FLA/9.60 LRA, 240 VAC
G3MB-202PLEG
SSR Type
Input voltage
Load type
Load ratings
G3MB-102P
5 to 24 VDC
General purpose
2 A, 120 VAC
Tungsten
1 A, 120 VAC
Motor
1.60 FLA/8.60 LRA, 120 VAC
G3MB-202P
General purpose
2 A, 240 VAC
G3MB-202PL
Tungsten
1 A, 240 VAC
Motor
1.60 FLA/8.60 LRA, 240 VAC
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters into inches, divide by 25.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com