Electronic Components Datasheet Search
  English  ▼

X  

ITR20002 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ITR20002
Description  infrared emitting diode and an NPN silicon phototransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ITR20002 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ITR20002 Datasheet HTML 1Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 2Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 3Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Device Number: CDRX-200-003
REV: 1
MODEL NO: ITR20002
Ecn:
Page:3/9
■
ABSOLUTE MAXIMUM RATINGS (Ta=25
℃)
Parameter
Symbol
Ratings
Unit
Power Dissipation
Pd
100
mW
Input
Reverse Voltage
VR
5
V
Forward Current
IF
60
mA
Peak Forward Current (*1)
IFP
1
A
Collector Power Dissipation
PC
80
mW
Output Collector Current
IC
20
mA
Collector-Emitter Voltage
VCE
35
V
Emitter-Collector Voltage
VEC
6
V
Operating Temperature
Topr
-25~+85
℃
Storage Temperature
Tstg
-40~+85
℃
Soldering Temperature (*2)
Tsol
260
℃
(
*1)
tw=100
μsec. ,
T=10 msec.
(
*2)
t=5 Sec
■
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Parameter
Symbol Min. Typ. Max. Unit
Conditions
VF1
-
1.2
1.5
V
IF=20mA
VF2
-
1.4 1.85
V
IF=100mA
Forward Voltage
VF3
-
2.6
4.0
V
IF-Peak=1.0A
Reverse Current
IR
-
-
10
μA
VR=5V
Peak Wavelength
λP
-
940
-
nm
-
Input
View Angle
2
 1/2
-
30
-
Deg
IF=20mA
Dark Current
ICEO
-
-
100
nA
VCE=20V
Output
C-E Saturation
Voltage
VCE
(sat)
-
-
0.4
V
IC=0.04mA
IF=40mA
IC(on) 0.04
-
0.9
mA
Vce=5V
Collector Current(
*3)
IC(off)
-
-
2
μA
If=20mA
Rise time
tR
-
20
-
μsec
VCE=2V
Speed
Fall time
tF
-
25
-
μsec
Ic=100μA
RL=100
Ω
(
*3)
IC(on) at the testing condition—-with reflector in 7mm away,
IC(off)at the testing condition—-without reflector and external light less
than 10 Lux at the module surface.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com