Electronic Components Datasheet Search
  English  ▼

X  

ITR20002 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ITR20002
Description  infrared emitting diode and an NPN silicon phototransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ITR20002 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ITR20002 Datasheet HTML 1Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 2Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 3Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Device Number: CDRX-200-003
REV: 1
MODEL NO: ITR20002
Ecn:
Page:8/9
Items
Purpose & Condition
Failure Judgement
Criteria
Samples(n)
Defective(c)
Operating Life
Evaluates product's endurance
n =22
,c=0
to prolonged electrical or
temperature stresses. Standard
test Condition:
VCE=5V
IF=20mA
Time : 1000hrs
High Temperature Evaluates product's ability to
n =22
,c=0
withstand prolonged storage
High Humidity
at high temperature and high
humidity. Standard test
Condition:
Temperature: 85
℃
Relative humidity:85%
Time : 1000hrs
Soldering Heat
Evaluates product's ability to
n =22
,c=0
withstand soldering heat
Standard test conditions
Solder temperature : 260±5
℃
Solder time : 10 seconds
IR≧U x 2
Ic(on)
≦L x 0.8
VF≧U x 1.2
U
:Upper
specification
limit
L
:Lower
specification
limit
■ Supplement
1.Parts
(1) Chip
Type
Material
Peak Wavelength
IR
GaAlAs
940nm
PT
Silicon
860nm
(2) Material
Type
Lead frame
Wire
Package
Holder
ITR
SPCC
Gold
Epoxy
NORYL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com