Electronic Components Datasheet Search
  English  ▼

X  

SSL8516T Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 11Page - NXP Semiconductors SSL8516T Datasheet HTML 12Page - NXP Semiconductors SSL8516T Datasheet HTML 13Page - NXP Semiconductors SSL8516T Datasheet HTML 14Page - NXP Semiconductors SSL8516T Datasheet HTML 15Page - NXP Semiconductors SSL8516T Datasheet HTML 16Page - NXP Semiconductors SSL8516T Datasheet HTML 17Page - NXP Semiconductors SSL8516T Datasheet HTML 18Page - NXP Semiconductors SSL8516T Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
15 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
7.3.4 Demagnetization (FBAUX pin)
The system is always in QR or DCM. The internal oscillator does not start a new primary
stroke until the previous secondary stroke has ended.
Demagnetization features a cycle-by-cycle output short-circuit protection by immediately
lowering the frequency (longer off-time) and reducing the power level.
Demagnetization recognition is suppressed during the first tsup(xfmr_ring) time of 2.2 s.
This suppression can be necessary at low output voltages, during start-up and in
applications where the transformer has a large leakage inductance.
If the FBAUX pin is open-circuit or not connected, a fault condition is assumed and the
converter immediately stops. Operation restarts when the fault condition is removed.
7.3.5 Flyback control/time-out (FBCTRL pin)
The FBCTRL pin is connected to an internal voltage source of 7 V using an internal
13.2 k
 resistor. When V
FBCTRL > 5.5 V, the resistor is disconnected. The pin is biased
with a 29
A current. When V
FBCTRL > 7.75 V, a fault is assumed, switching is stopped and
a restart is made.
If a capacitor and resistor are connected in series to the pin, a time-out function is created
which protects against open control loop situations. See Figure 11 and Figure 12. The
time-out function is disabled by connecting a resistor (200 k
) to ground on the FBCTRL
pin.
If the pin is short-circuited to ground, switching of the flyback controller is stopped.
Under normal operating conditions, the converter regulates the output voltage. VFBCTRL
varies between 0.54 V at minimum output power and 4.9 V at maximum output power.
Fig 10. Flyback part peak current control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com