Electronic Components Datasheet Search
  English  ▼

X  

SSL8516T Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 21Page - NXP Semiconductors SSL8516T Datasheet HTML 22Page - NXP Semiconductors SSL8516T Datasheet HTML 23Page - NXP Semiconductors SSL8516T Datasheet HTML 24Page - NXP Semiconductors SSL8516T Datasheet HTML 25Page - NXP Semiconductors SSL8516T Datasheet HTML 26Page - NXP Semiconductors SSL8516T Datasheet HTML 27Page - NXP Semiconductors SSL8516T Datasheet HTML 28Page - NXP Semiconductors SSL8516T Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
25 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
td(FBDRIVER)
delay time on pin
FBDRIVER
VFBSENSE pulse-stepping 400 mV
around Vsense(fb)max
-80
-ns
ton(fb)min
minimum flyback
on-time
VFBCRTL =3V; VFBSENSE = 0.75 V
280
340
400
ns
Iadj(FBSENSE)
adjust current on pin
FBSENSE
2.29 2.1
1.91 A
OverPower Protection (OPP) flyback (FBSENSE pin)
Vsense(fb)max
maximum flyback
sense voltage
V/t= 0V/s
IFBAUX =80 A
525
545
565
mV
IFBAUX = 120 A
495
540
565
mV
IFBAUX = 240 A
400
445
490
mV
IFBAUX = 360 A
345
400
455
mV
Driver (FBDRIVER pin)
Isrc(FBDRIVER)
source current on pin
FBDRIVER
VFBDRIVER =2V
-
0.5
-
A
Isink(FBDRIVER)
sink current on pin
FBDRIVER
VFBDRIVER =2.5 V
-
0.7
-
A
VO(FBDRIVER)(max)
maximum output
voltage on pin
FBDRIVER
10
11
12
V
LATCH input (LATCH pin)
Vprot(LATCH)
protection voltage on
pin LATCH
469
494
519
mV
IO(LATCH)
output current on pin
LATCH
Vprot(LATCH) <VLATCH <Voc(LATCH)
32.5 30.5
28.5 A
Ven(LATCH)
enable voltage on pin
LATCH
at start-up
552
582
612
mV
Vhys(LATCH)
hysteresis voltage on
pin LATCH
Ven(LATCH)  Vprot(LATCH)
68
88
108
mV
Voc(LATCH)
open-circuit voltage on
pin LATCH
-1.75
-V
Table 5.
Characteristics …continued
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com