Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
(e
+
NI
2
´
e
NO
2
G
´
6
V
DIFF
BW
24
INA821
SBOS893 – AUGUST 2018
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 3. Error Calculation
ERROR SOURCE
ERROR CALCULATION
INA821
SPECIFICATION
G = 1 ERROR
(ppm)
G = 100 ERROR
(ppm)
G = 1000
ERROR (ppm)
ABSOLUTE ACCURACY AT 25°C
Input offset voltage (µV)
VOSI / VDIFF
35
35
350
3500
Output offset voltage (µV)
VOSO / (G × VDIFF)
350
350
350
350
Input offset current (nA)
IOS × maximum (RS+, RS–) / VDIFF
0.5
1
5
50
CMRR (dB) (min)
VCM / (10
CMRR/20 × V
DIFF)
90 (G = 1),
110 (G = 10),
130 (G = 100)
316
316
316
PSRR (dB) (min)
(VCC -VS)/ (10
PSRR/20 × V
DIFF)
110 (G = 1),
114 (G = 10),
130 (G = 100)
3
20
32
Gain error from INA (%) (max)
GE(%) × 104
0.02 (G = 1),
0.15 (G = 10, 100)
200
1500
1500
Gain error from external resistor RG (%)
(max)
GE(%) × 104
0.01
100
100
100
Total absolute accuracy error (ppm) at
25°C, worst case
sum of all errors
1005
2641
5848
Total absolute accuracy error (ppm) at
25°C, average
rms sum of all errors
523
1614
3839
DRIFT TO 105°C
Gain drift from INA (ppm/°C) (max)
GTC × (TA – 25)
5 (G = 1),
50 (G = 10, 100)
400
4000
4000
Gain drift from external resistor RG
(ppm/°C) (max)
GTC × (TA – 25)
10
800
800
800
Input offset voltage drift (µV/°C) (max)
(VOSI_TC / VDIFF) × (TA – 25)
0.4
32
320
3200
Output offset voltage drift (µV/°C)
[VOSO_TC / ( G × VDIFF)] × (TA – 25)
5
400
400
400
Offset current drift (pA/°C)
IOS_TC × maximum (RS+, RS–) ×
(TA – 25) / VDIFF
20
2
16
160
Total drift error to 105°C (ppm), worst
case
sum of all errors
1634
5536
8560
Total drift error to 105°C (ppm), typical
rms sum of all errors
980
4111
5202
RESOLUTION
Gain nonlinearity (ppm of FS)
10 (G = 1, 10),
15 (G = 100)
10
10
15
Voltage noise (@1 kHz) (µVpp)
eNI = 7,
eNO = 65
871
720
3377
Current noise (@1kHz) (pA/
√Hz)
IN × maximum (RS+, RS–) × sqrt
(BW) / VDIFF
0.17
0.4
2
14
Total resolution error (ppm), worst case
sum of all errors
881
730
3392
Total resolution error (ppm), typical
rms sum of all errors
871
720
3377
TOTAL ERROR
Total error (ppm), worst case
sum of all errors
3519
8907
17800
Total error (ppm), typical
rms sum of all errors
1412
4475
7294
8.4 Device Functional Modes
The INA821 has a single functional mode and is operational when the power supply voltage is greater than 4.5 V
(±2.25 V). The maximum power-supply voltage for the INA821 is 36 V (±18 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com