Electronic Components Datasheet Search
  English  ▼

X  

LM3658 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3658
Description  Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3658 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3658 Datasheet HTML 1Page - National Semiconductor (TI) LM3658 Datasheet HTML 2Page - National Semiconductor (TI) LM3658 Datasheet HTML 3Page - National Semiconductor (TI) LM3658 Datasheet HTML 4Page - National Semiconductor (TI) LM3658 Datasheet HTML 5Page - National Semiconductor (TI) LM3658 Datasheet HTML 6Page - National Semiconductor (TI) LM3658 Datasheet HTML 7Page - National Semiconductor (TI) LM3658 Datasheet HTML 8Page - National Semiconductor (TI) LM3658 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics Unless otherwise noted, V
CC (VCHG_IN and/or VUSBpwr) = 5V, VBATT = 3.5V.
CCHG_IN = 1 µF, CUSBpwr = 1 µF, CBATT = 1 µF. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits
appearing in boldface type apply over T
J = 0˚C to +85˚C. (Notes 2, 6, 7) (Continued)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
DETECTION AND TIMING
T
PQ_FULL
Deglitch Time for
Pre-Qualification to
Full-Rate Charge
Transition
300
270
330
ms
T
FULL_PQ
Deglitch Time for
Full-Rate to
Pre-Qualification
Transition
300
270
330
ms
T
CHG
Charge Timer
300
270
330
min
T
EOC
Deglitch Time for
End-of-Charge
Transition
300
270
330
ms
T
BATTEMP
Deglitch Time for
Battery Temperature
Fault
40
20
80
ms
T
DGL
Deglitch Time for
EN_b and USB_sel
Pins
40
20
80
ms
T
ITOPOFF
Deglitch Time for
I
TOPOFF
300
270
330
ms
T
TOPOFF
Top-Off Charging
Timer
30
27
33
min
I/O
V
IL
Low-Level Input
Voltage
EN_b
0
0.7
V
USB_sel
1.5
V
IH
High-Level Input
Voltage
EN_b
1.4
V
USB_sel
2.5
I
OL
Low-Level Output
Current
STAT1, STAT2, output voltage = 0.25V
25
10
mA
I
OH
High-Level Output
Current
STAT1, STAT2, output voltage = 6.0V
0.01
1
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: The LM3658 has built-in thermal regulation to regulate the die temperature to 120oC. See Operation Description section for more detail.
Note 4: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
Note 5: Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues in board design. Please refer to application note AN1187 for more detail.
Note 6: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 7: LM3658 is not intended as a Li-Ion battery protection device; battery used in this application should have an adequate internal protection.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com