Electronic Components Datasheet Search
  English  ▼

X  

LM3658 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3658
Description  Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3658 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3658 Datasheet HTML 5Page - National Semiconductor (TI) LM3658 Datasheet HTML 6Page - National Semiconductor (TI) LM3658 Datasheet HTML 7Page - National Semiconductor (TI) LM3658 Datasheet HTML 8Page - National Semiconductor (TI) LM3658 Datasheet HTML 9Page - National Semiconductor (TI) LM3658 Datasheet HTML 10Page - National Semiconductor (TI) LM3658 Datasheet HTML 11Page - National Semiconductor (TI) LM3658 Datasheet HTML 12Page - National Semiconductor (TI) LM3658 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LM3658 Operation Description
(Continued)
The thermal advantage of the LLP package is fully realized
only when the exposed die attach pad is soldered down to a
thermal land on the PCB board with thermal vias planted
underneath the thermal land. Based on thermal analysis of
the LLP package, the junction-to-ambient thermal resistance
(
θ
JA) can be improved by a factor of two when the die attach
pad of the LLP package is soldered directly onto the PCB
with thermal land and thermal vias, as opposed to an alter-
native with no direct soldering to a thermal land. Typical pitch
and outer diameter for thermal vias are 1.27 mm and
0.33 mm respectively. Typical copper via barrel plating is 1
oz, although thicker copper may be used to further improve
thermal performance. The LM3658 die attach pad is con-
nected to the substrate of the IC and therefore, the thermal
land and vias on the PCB board need to be connected to
ground (GND pin).
For more information on board layout techniques, refer to
Application Note 1187 “Leadless Lead Frame Package
(LLP).” This application note also discusses package han-
dling, solder stencil and the assembly process.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com