Electronic Components Datasheet Search
  English  ▼

X  

APL3233 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL3233
Description  Li Charger Protection IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3233 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL3233 Datasheet HTML 9Page - Anpec Electronics Coropration APL3233 Datasheet HTML 10Page - Anpec Electronics Coropration APL3233 Datasheet HTML 11Page - Anpec Electronics Coropration APL3233 Datasheet HTML 12Page - Anpec Electronics Coropration APL3233 Datasheet HTML 13Page - Anpec Electronics Coropration APL3233 Datasheet HTML 14Page - Anpec Electronics Coropration APL3233 Datasheet HTML 15Page - Anpec Electronics Coropration APL3233 Datasheet HTML 16Page - Anpec Electronics Coropration APL3233 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jul., 2017
www.anpec.com.tw
13
APL3233
Application Information
FAULT Output
Since the FAULT pin is an open-drain output, connecting
a resistor R
UP to a pull high voltage is necessary. It is also
recommended that connect the FAULT to the MCU GPIO
through a resistor R
FAULT. The RFAULT prevents damage to
the MCU under a failure mode. The recommended value
of the resistors should be between 10k
Ω to 100kΩ.
Capacitor Selection
The input capacitor is for decoupling and prevents the
input voltage from overshooting to dangerous levels. In
the AC adapter hot plug-in applications or load current
step-down transient, the input voltage has a transient
spike due to the parasitic inductance of the input cable. A
25V, X5R, dielectric ceramic capacitor with a value be-
tween 1
µF and 4.7µF placed close to the IN pin is
recommended.
The output capacitor is for output voltage decoupling, and
also can be as the input capacitor of the charging circuit.
At least, a 1
µF, 10V, X5R capacitor is recommended.
In some failure modes, a high voltage may be applied to
the device. Make sure the clearance constraint of the PCB
layout must satisfy the design rule for high voltage.
The exposed pad of the WLCSP0.74x1.14-5 performs
the function of channeling heat away. It is recommended
that connect the exposed pad to a large copper ground
plane on the backside of the circuit board through sev-
eral thermal vias to improve heat dissipation.
The input and output capacitors should be placed close
to the IC. R
ILIM also should be placed close to the IC.
The high current traces like input trace and output trace
must be wide and short.
Layout Consideration
Recommended Minimum Footprint
Unit: mm
WLCSP0.74x1.14-5
0.24
0.74
0.2
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com