Electronic Components Datasheet Search
  English  ▼

X  

APL3233 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3233
Description  Li Charger Protection IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3233 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3233 Datasheet HTML 1Page - Anpec Electronics Coropration APL3233 Datasheet HTML 2Page - Anpec Electronics Coropration APL3233 Datasheet HTML 3Page - Anpec Electronics Coropration APL3233 Datasheet HTML 4Page - Anpec Electronics Coropration APL3233 Datasheet HTML 5Page - Anpec Electronics Coropration APL3233 Datasheet HTML 6Page - Anpec Electronics Coropration APL3233 Datasheet HTML 7Page - Anpec Electronics Coropration APL3233 Datasheet HTML 8Page - Anpec Electronics Coropration APL3233 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jul., 2017
www.anpec.com.tw
2
APL3233
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
S ymbol
Pa ram ete r
Rating
Unit
V ACIN
ACIN Input Vo ltag e (ACIN to G ND)
-0 .3 ~ 3 0
V
FAU LT
V
, VILIM
FAULT , ILIM to GND Voltage
-0.3 ~ 7
V
VOUT
OUT to GND Voltage
-0.3 ~ 7
V
TJ
Ma xim um Junction Tempera tu re
15 0
o
C
TSTG
Sto rage Temperature
-65 ~ 1 50
o C
TSDR
Ma xim um Le ad So lderin g Tempe ratu re(10 S econds)
26 0
o C
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
S ymbol
Pa ra mete r
Typic al Value
Unit
θ
JA
Junctio n-to-Amb ient Resistance in fre e air
(Note 2)
1 00
o
C/W
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
APL3233A/B
Package Code
HA : WLCSP0.74x1.14-5
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
Assembly Material
APL3233B HA:
APL3233A HA:
X - Date Code
X - Date Code
AX
BX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com