Electronic Components Datasheet Search
  English  ▼

X  

DF63W Datasheet(PDF) 4 Page - Hirose Electric

Part # DF63W
Description  3.96mm pitch compact waterproof connectors for internal power supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF63W Datasheet(HTML) 4 Page - Hirose Electric

  DF63W Datasheet HTML 1Page - Hirose Electric DF63W Datasheet HTML 2Page - Hirose Electric DF63W Datasheet HTML 3Page - Hirose Electric DF63W Datasheet HTML 4Page - Hirose Electric DF63W Datasheet HTML 5Page - Hirose Electric DF63W Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DF63W Series
●3.96mm pitch compact waterproof connectors for internal power supplies
■In-line plug crimp contact
■Socket crimp contact
Part No.
HRS No.
Type
Quantity
Finish
DF63-1618PCF
680-0529-2
Reel contacts (Note 1)
4,000 pcs/reel
Tin plated
DF63-1618PC
680-0536-8
Loose piece contacts (Note 2)
100 pcs/pack
DF63-2022PCF
Under development
Reel contacts (Note 1)
4,000 pcs/reel
DF63-2022PC
Loose piece contacts (Note 2)
100 pcs/pack
Note 1 : Please place orders in full reel quantities.
Note 2 : Please place orders in full pack quantities.
●Applicable wire (Tinned Annealed Copper Wire)
Conductor size (Core structure)
Wire type and outer diameter of insulation
16AWG (26/0.254mm)
UL1007 (2.4mm)
UL1015 (3.2mm)
18AWG (34/0.18mm)
UL1007 (2.1mm)
UL1015 (2.9mm)
20AWG (21/0.18mm)
UL1007 (1.9mm)
22AWG (17/0.16mm)
UL1430 (1.7mm)
Note 1 : Please contact our Sales Dept. when using wires other than those recommended above.
Note 2 : In case of hard to insert crimped contact to plug socket as like using low stiffness wire which consists of thinner
stranded conductor or insulation with soft material, please contact to Hirose representative.
Part No.
HRS No.
Type
Quantity
Finish
DF63W-1618SCF
680-0600-5
Reel contacts (Note 1)
4,000 pcs/reel
Tin plated
DF63W-1618SC
680-0601-8
Loose piece contacts (Note 2)
100 pcs/pack
DF63W-2022SCF
Under development
Reel contacts (Note 1)
4,000 pcs/reel
DF63W-2022SC
Loose piece contacts (Note 2)
100 pcs/pack
Note 1 : Please place orders in full reel quantities.
Note 2 : Please place orders in full pack quantities.
●Applicable wire (Tinned Annealed Copper Wire)
Conductor size (Core structure)
Wire type and outer diameter of insulation
16AWG (26/0.254mm)
UL1007 (2.4mm)
UL1015 (3.2mm)
18AWG (34/0.18mm)
UL1007 (2.1mm)
UL1015 (2.9mm)
20AWG (21/0.18mm)
UL1007 (1.9mm)
22AWG (17/0.16mm)
UL1430 (1.7mm)
Note 1 : Please contact our Sales Dept. when using wires other than those recommended above.
Note 2 : In case of hard to insert crimped contact to socket as like using low stiffness wire which consists of thinner
stranded conductor or insulation with soft material, please contact to Hirose representative.
2.22
P=9.5
2.14
2.33
2.02
P=9.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com