Electronic Components Datasheet Search
  English  ▼

X  

DF63W Datasheet(PDF) 5 Page - Hirose Electric

Part # DF63W
Description  3.96mm pitch compact waterproof connectors for internal power supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF63W Datasheet(HTML) 5 Page - Hirose Electric

  DF63W Datasheet HTML 1Page - Hirose Electric DF63W Datasheet HTML 2Page - Hirose Electric DF63W Datasheet HTML 3Page - Hirose Electric DF63W Datasheet HTML 4Page - Hirose Electric DF63W Datasheet HTML 5Page - Hirose Electric DF63W Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
DF63W Series
●3.96mm pitch compact waterproof connectors for internal power supplies
BApplicable crimping tools
BPrecautions
Type
Part No.
HRS No.
Applicable wire size
Applicable contact
Applicator
AP105-DF63-1618-3
901-4642-0
UL1007 (Note 3)
DF63-1618PCF
DF63W-1618SCF
AP105-DF63-1618-4
901-4643-2
UL1015 (Note 3)
CHS893500H-UP (Note 6)
−
UL1015
AP105-DF63-2022-3
901-4646-0
UL1007
DF63-2022PCF
20 AWG : UL1007
22 AWG : UL1430
DF63W-2022SCF
Type
Part No.
HRS No.
Recommended wire size (Note 5) Applicable contact
Hand tool (Note 4)
HT802/DF63-1618P-1
550-0423-1
UL1007
DF63-1618PC
HT802/DF63-1618P-2
550-0424-4
UL1015
HT802/DF63-2022P-1
550-0433-0
UL1007
DF63-2022PC
HT802/DF63W-1618S-1
550-0425-7
UL1007
DF63W-1618SC
HT802/DF63W-1618S-2
550-0426-0
UL1015
HT802/DF63W-2022S-1
550-0434-0
UL1007
DF63W-2022SC
Note 1 : Please follow the "Crimping quality standards" and "Table of crimping conditions" when crimping contacts.
Note 2 : Any problems that occur from using tools other than those specified by Hirose, are not covered by warranty.
Note 3 : Applicator components (sold separately) can be changed out to accommodate different wire sizes.
Note 4 : Hand tool dies cannot be changed out for different wire sizes.
Note 5 : Please only use the recommended wires shown in the table.
Note 6 : Applicator manufactured by JAPAN AUTOMATIC MACHINE(J.A.M.). Please access to HP of J.A.M., if you make
inquiries about the applicator or crimp defect. (URL : http://www.jam-net.co.jp)
1. Forcibly removing a connector may damage it. If it is stuck, first push it in slightly and then release the
lock to remove.
2. Please use care when connecting a short, thick wire so as not to twist it. If twisted, damage to the
contact may occur.
3. Be sure to turn the power off before mating/unmating the connector.
4. To avoid electrical shock, do not touch the powered contacts.
5. Please contact our Sales Dept. for the Harness procedure manual (ATAD-H0814).
BAbout the ratings
Do not use connectors with currents and voltages that exceed their ratings. Do not mate/unmate powered
contacts (Note 1)
Note 1 : "Live" contacts refer to the contacts that are in a powered or energized state. Mating or unmating "live" contacts
can result in electrical shock and injury.
BAbout operating environments
Please contact us if you wish to use the connectors in an environment with repeated temperature
fluctuations.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com